Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QOU220H Datasheet (PDF) - Schneider Electric

QOU220H Datasheet PDF - Schneider Electric
Part # QOU220H
Download  QOU220H Download
File Size   108.14 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QOU Miniature Circuit Breaker, 20A, 2P, 240V, 10kA

QOU220H Datasheet (PDF)

Go To PDF Page Download Datasheet
QOU220H Datasheet PDF - Schneider Electric

Part # QOU220H
Download  QOU220H Click to download

File Size   108.14 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QOU Miniature Circuit Breaker, 20A, 2P, 240V, 10kA

QOU220H Datasheet (HTML) - Schneider Electric




Similar Part No. - QOU220H

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU220H1021 SCHNEIDER-QOU220H1021 Datasheet
125Kb / 2P
QOU Miniature Circuit Breaker, 20A, 2P, 240V, 10kA, Shunt Trip
QOU220H1200 SCHNEIDER-QOU220H1200 Datasheet
99Kb / 2P
QOU Miniature Circuit Breaker, 20A, 2P, 240V, 10kA, Aux Switch
QOU220H5283 SCHNEIDER-QOU220H5283 Datasheet
112Kb / 2P
QOU Miniature Circuit Breaker, 20A, 2P, 240V, 10kA, Ring Terminal
More results


Similar Description - QOU220H

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU220 SCHNEIDER-QOU220 Datasheet
109Kb / 2P
QOU Miniature Circuit Breaker, 20A, 2P, 120/240V, 10kA
QOU220H5283 SCHNEIDER-QOU220H5283 Datasheet
112Kb / 2P
QOU Miniature Circuit Breaker, 20A, 2P, 240V, 10kA, Ring Terminal
QOU230H SCHNEIDER-QOU230H Datasheet
130Kb / 2P
QOU Miniature Circuit Breaker, 30A, 2P, 240V, 10kA
QOU320 SCHNEIDER-QOU320 Datasheet
115Kb / 2P
QOU Miniature Circuit Breaker, 20A, 3P, 240V, 10kA
Feb 21, 2020
QOU2201021 SCHNEIDER-QOU2201021 Datasheet
131Kb / 2P
QOU Miniature Circuit Breaker, 20A, 2P, 120/240V, 10kA, Shunt Trip
QOU2201042 SCHNEIDER-QOU2201042 Datasheet
131Kb / 2P
QOU Miniature Circuit Breaker, 20A, 2P, 120/240V, 10kA, Shunt Trip
QOU2203100 SCHNEIDER-QOU2203100 Datasheet
120Kb / 2P
QOU Miniature Circuit Breaker, 20A, 2P, 120/240V, 10kA, Mounting Foot
QOU220H1021 SCHNEIDER-QOU220H1021 Datasheet
125Kb / 2P
QOU Miniature Circuit Breaker, 20A, 2P, 240V, 10kA, Shunt Trip
QOU220H1200 SCHNEIDER-QOU220H1200 Datasheet
99Kb / 2P
QOU Miniature Circuit Breaker, 20A, 2P, 240V, 10kA, Aux Switch
QOU225H SCHNEIDER-QOU225H Datasheet
130Kb / 2P
QOU Miniature Circuit Breaker, 25A, 2P, 240V, 10kA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com