Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QOU360 Datasheet (PDF) - Schneider Electric

QOU360 Datasheet PDF - Schneider Electric
Part # QOU360
Download  QOU360 Download
File Size   118.12 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QOU Miniature Circuit Breaker, 60A, 3P, 240V, 10kA

QOU360 Datasheet (PDF)

Go To PDF Page Download Datasheet
QOU360 Datasheet PDF - Schneider Electric

Part # QOU360
Download  QOU360 Click to download

File Size   118.12 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QOU Miniature Circuit Breaker, 60A, 3P, 240V, 10kA

QOU360 Datasheet (HTML) - Schneider Electric




Similar Part No. - QOU360

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU3601021 SCHNEIDER-QOU3601021 Datasheet
139Kb / 2P
QOU Miniature Circuit Breaker, 60A, 3P, 240V, 10kA, Shunt Trip
QOU3601042 SCHNEIDER-QOU3601042 Datasheet
139Kb / 2P
QOU Miniature Circuit Breaker, 60A, 3P, 240V, 10kA, Shunt Trip
QOU3601200 SCHNEIDER-QOU3601200 Datasheet
139Kb / 2P
QOU Miniature Circuit Breaker, 60A, 3P, 240V, 10kA, Aux Switch
QOU3602100 SCHNEIDER-QOU3602100 Datasheet
94Kb / 2P
QOU Miniature Circuit Breaker, 60A, 3P, 240V, 10kA, Alarm Switch
QOU3605250 SCHNEIDER-QOU3605250 Datasheet
143Kb / 2P
QOU Miniature Circuit Breaker, 60A, 3P, 240V, 10kA
More results


Similar Description - QOU360

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU320 SCHNEIDER-QOU320 Datasheet
115Kb / 2P
QOU Miniature Circuit Breaker, 20A, 3P, 240V, 10kA
Feb 21, 2020
QOU325 SCHNEIDER-QOU325 Datasheet
99Kb / 2P
QOU Miniature Circuit Breaker, 25A, 3P, 240V, 10kA
Feb 21, 2020
QOU335 SCHNEIDER-QOU335 Datasheet
147Kb / 2P
QOU Miniature Circuit Breaker, 35A, 3P, 240V, 10kA
Feb 21, 2020
QOU380 SCHNEIDER-QOU380 Datasheet
105Kb / 2P
QOU Miniature Circuit Breaker, 80A, 3P, 240V, 10kA
Feb 21, 2020
QOU3601021 SCHNEIDER-QOU3601021 Datasheet
139Kb / 2P
QOU Miniature Circuit Breaker, 60A, 3P, 240V, 10kA, Shunt Trip
QOU3601042 SCHNEIDER-QOU3601042 Datasheet
139Kb / 2P
QOU Miniature Circuit Breaker, 60A, 3P, 240V, 10kA, Shunt Trip
QOU3601200 SCHNEIDER-QOU3601200 Datasheet
139Kb / 2P
QOU Miniature Circuit Breaker, 60A, 3P, 240V, 10kA, Aux Switch
QOU3605283 SCHNEIDER-QOU3605283 Datasheet
132Kb / 2P
QOU Miniature Circuit Breaker, 60A, 3P, 240V, 10kA, Ring Terminal
QOU3602100 SCHNEIDER-QOU3602100 Datasheet
94Kb / 2P
QOU Miniature Circuit Breaker, 60A, 3P, 240V, 10kA, Alarm Switch
QOU3605250 SCHNEIDER-QOU3605250 Datasheet
143Kb / 2P
QOU Miniature Circuit Breaker, 60A, 3P, 240V, 10kA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com