Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC3425 Datasheet (PDF) - ON Semiconductor

MC3425 Datasheet PDF - ON Semiconductor
Part # MC3425
Download  MC3425 Download

File Size   170.58 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description POWER SUPPLY SUPERVISORY/ OVER AND UNDERVOLTAGE PROTECTION CIRCUIT

MC3425 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC3425 Datasheet PDF - ON Semiconductor

Part # MC3425
Download  MC3425 Click to download

File Size   170.58 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description POWER SUPPLY SUPERVISORY/ OVER AND UNDERVOLTAGE PROTECTION CIRCUIT

MC3425 Datasheet (HTML) - ON Semiconductor

Back Button MC3425 Datasheet HTML 1Page - ON Semiconductor MC3425 Datasheet HTML 2Page - ON Semiconductor MC3425 Datasheet HTML 3Page - ON Semiconductor MC3425 Datasheet HTML 4Page - ON Semiconductor MC3425 Datasheet HTML 5Page - ON Semiconductor MC3425 Datasheet HTML 6Page - ON Semiconductor MC3425 Datasheet HTML 7Page - ON Semiconductor MC3425 Datasheet HTML 8Page - ON Semiconductor MC3425 Datasheet HTML 9Page - ON Semiconductor MC3425 Datasheet HTML 10Page - ON Semiconductor Next Button 

MC3425 Product details

Power Supply Supervisory/Over and Undervoltage Protection Circuit

The MC3425 is a power supply supervisory circuit containing all the necessary functions required to monitor over and undervoltage fault conditions. These integrated circuits contain dedicated over and undervoltage sensing channels with independently programmable time delays. The overvoltage channel has a high current Drive Output for use in conjunction with an external SCR Crowbar for shutdown. The undervoltage channel input comparator has hysteresis which is externally programmable, and an open−collector output for fault indication.

• Dedicated Over and Undervoltage Sensing
• Programmable Hysteresis of Undervoltage Comparator
• Internal 2.5 V Reference
• 300 mA Overvoltage Drive Output
• 30 mA Undervoltage Indicator Output
• Programmable Time Delays
• 4.5 V to 40 V Operation




Similar Part No. - MC3425

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC34250 MOTOROLA-MC34250 Datasheet
145Kb / 4P
   HARD DISK DRIVE READ CHANNEL
MC34250FTA MOTOROLA-MC34250FTA Datasheet
145Kb / 4P
   HARD DISK DRIVE READ CHANNEL
More results


Similar Description - MC3425

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4365 LINER-LTC4365_15 Datasheet
501Kb / 20P
   Overvoltage, Undervoltage and Reverse Supply Protection Controller
logo
Seme LAB
IP1543 SEME-LAB-IP1543 Datasheet
91Kb / 7P
   POWER SUPPLY SUPERVISORY CIRCUIT
logo
Texas Instruments
UC1544N TI-UC1544N Datasheet
1Mb / 20P
[Old version datasheet]   Power Supply Supervisory Circuit
UC1543 TI1-UC1543_16 Datasheet
1Mb / 19P
[Old version datasheet]   Power Supply Supervisory Circuit
UC1543 TI-UC1543 Datasheet
455Kb / 6P
[Old version datasheet]   Power Supply Supervisory Circuit
UC1543 TI1-UC1543_13 Datasheet
1Mb / 20P
[Old version datasheet]   Power Supply Supervisory Circuit
logo
Microsemi Corporation
SG1543 MICROSEMI-SG1543 Datasheet
118Kb / 6P
   POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT
SG1543 MICROSEMI-SG1543_1 Datasheet
244Kb / 6P
   POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT
logo
Linear Technology
LTC4367 LINER-LTC4367 Datasheet
320Kb / 6P
   100V Overvoltage, Undervoltage and Reverse Supply Protection Controller
logo
STMicroelectronics
PEP01-5841 STMICROELECTRONICS-PEP01-5841 Datasheet
262Kb / 10P
   Power over ethernet power supply protection
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com