Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6821 Datasheet (PDF) - Allegro MicroSystems

A6821 Datasheet PDF - Allegro MicroSystems
Part # A6821
Download  A6821 Download
File Size   220.3 Kbytes
Page   9 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description DABiC-5 8-Bit Serial Input Latched Sink Drivers

A6821 Datasheet (PDF)

Go To PDF Page Download Datasheet
A6821 Datasheet PDF - Allegro MicroSystems

Part # A6821
Download  A6821 Click to download

File Size   220.3 Kbytes
Page   9 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description DABiC-5 8-Bit Serial Input Latched Sink Drivers

A6821 Datasheet (HTML) - Allegro MicroSystems


A6821 Product details

FEATURES
„ 3.3 V to 5 V logic supply range
„ Power on reset (POR)
„ To 10 MHz data input rate
„ CMOS, TTL compatible
„ –40°C operation available
„ Schmitt trigger inputs for improved
noise immunity
„ Low-power CMOS logic and latches
„ High-voltage current-sink outputs
„ Internal pull-up/pull down resistors




Similar Part No. - A6821

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
A682AE-100M TOKO-A682AE-100M Datasheet
89Kb / 1P
Fixed Inductors for Surface Mounting
A682AE-101M TOKO-A682AE-101M Datasheet
89Kb / 1P
Fixed Inductors for Surface Mounting
A682AE-120M TOKO-A682AE-120M Datasheet
89Kb / 1P
Fixed Inductors for Surface Mounting
A682AE-121M TOKO-A682AE-121M Datasheet
89Kb / 1P
Fixed Inductors for Surface Mounting
A682AE-150M TOKO-A682AE-150M Datasheet
89Kb / 1P
Fixed Inductors for Surface Mounting
More results


Similar Description - A6821

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
6809 ALLEGRO-6809 Datasheet
150Kb / 8P
DABiC-IV, 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
logo
Micrel Semiconductor
MIC5841 MICREL-MIC5841 Datasheet
162Kb / 7P
8-Bit Serial-Input Latched Drivers
logo
Allegro MicroSystems
A6800 ALLEGRO-A6800 Datasheet
436Kb / 12P
DABiC-5 Latched Sink Drivers
A6832 ALLEGRO-A6832 Datasheet
170Kb / 7P
DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6833 ALLEGRO-A6833 Datasheet
174Kb / 7P
DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6841 ALLEGRO-A6841 Datasheet
248Kb / 10P
DABiC-5 8-Bit Serial Input Latched Sink Drivers
A6801 ALLEGRO-A6801_09 Datasheet
265Kb / 11P
DABiC-5 Latched Sink Drivers
A6832SEPTR-T ALLEGRO-A6832SEPTR-T Datasheet
211Kb / 7P
DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6801SLWTR-T ALLEGRO-A6801SLWTR-T Datasheet
259Kb / 11P
DABiC-5 Latched Sink Drivers
A6800SLTR-T ALLEGRO-A6800SLTR-T Datasheet
259Kb / 11P
DABiC-5 Latched Sink Drivers
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com