Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5287 Datasheet (PDF) - Intersil Corporation

EL5287 Datasheet PDF - Intersil Corporation
Part # EL5287
Download  EL5287 Download
File Size   136.43 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Window 4ns High-Speed Comparator

EL5287 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5287 Datasheet PDF - Intersil Corporation

Part # EL5287
Download  EL5287 Click to download

File Size   136.43 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Window 4ns High-Speed Comparator

EL5287 Datasheet (HTML) - Intersil Corporation


EL5287 Product details

The EL5287 comparator is designed for operation in single supply and dual supply applications with 5V to 12V between VS+ and VS-. For single supplies, the inputs can operate from 0.1V below ground for use in ground sensing applications.

Features
• 4ns typ. propagation delay
• 5V to 12V input supply
• +2.7V to +5V output supply
• True-to-ground input
• Rail-to-rail outputs
• Separate analog and digital supplies
• Active low latch
• Single available (EL5185)
• Dual available (EL5285)
• Quad available (EL5485 & EL5486)
• Pin-compatible 6ns family available (EL5x81, EL5283 & EL5482)

Applications
• Threshold detection
• High speed sampling circuits
• High speed triggers
• Line receivers
• PWM circuits
• High speed V/F converters




Similar Part No. - EL5287

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5287C ELANTEC-EL5287C Datasheet
98Kb / 10P
Dual and Window 4ns High-Speed Comparators
EL5287CY ELANTEC-EL5287CY Datasheet
98Kb / 10P
Dual and Window 4ns High-Speed Comparators
EL5287CY-T13 ELANTEC-EL5287CY-T13 Datasheet
98Kb / 10P
Dual and Window 4ns High-Speed Comparators
More results


Similar Description - EL5287

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD53042 AD-AD53042 Datasheet
70Kb / 4P
High Speed Window Comparator
logo
Elantec Semiconductor
EL5185C ELANTEC-EL5185C Datasheet
301Kb / 11P
4ns High-Speed Comparator
EL5285C ELANTEC-EL5285C Datasheet
303Kb / 11P
Dual and Window 4ns High-Speed Comparators
EL5287C ELANTEC-EL5287C Datasheet
98Kb / 10P
Dual and Window 4ns High-Speed Comparators
logo
Intersil Corporation
EL5283 INTERSIL-EL5283 Datasheet
150Kb / 8P
Window 8ns High-Speed Comparator
January 17, 2002
EL5285I INTERSIL-EL5285I Datasheet
136Kb / 9P
Dual 4ns High-Speed Comparator
January 18, 2002
EL5185 INTERSIL-EL5185 Datasheet
100Kb / 9P
4ns High-Speed Comparator
January 18, 2002
logo
Hittite Microwave Corpo...
HMC974LC3C HITTITE-HMC974LC3C Datasheet
542Kb / 8P
10 GHz, HIGH SPEED WINDOW COMPARATOR
logo
Analog Devices
AD53042 AD-AD53042_15 Datasheet
74Kb / 4P
High Speed Window Comparator
REV. A
HMC974LC3C AD-HMC974LC3C Datasheet
350Kb / 12P
High Speed, 10 GHz Window Comparator
4/2018-Rev. D to Rev. E
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com