Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QOUQ115 Datasheet (PDF) - Schneider Electric

QOUQ115 Datasheet PDF - Schneider Electric
Part # QOUQ115
Download  QOUQ115 Download
File Size   97.36 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QOUQ Miniature Circuit Breaker, 15A, 1P, 120/240V, 10kA

QOUQ115 Datasheet (PDF)

Go To PDF Page Download Datasheet
QOUQ115 Datasheet PDF - Schneider Electric

Part # QOUQ115
Download  QOUQ115 Click to download

File Size   97.36 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QOUQ Miniature Circuit Breaker, 15A, 1P, 120/240V, 10kA

QOUQ115 Datasheet (HTML) - Schneider Electric




Similar Part No. - QOUQ115

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOUQ215 SCHNEIDER-QOUQ215 Datasheet
102Kb / 2P
QOUQ Miniature Circuit Breaker, 15A, 2P, 120/240V, 10kA
QOUQ220 SCHNEIDER-QOUQ220 Datasheet
108Kb / 2P
QOUQ Miniature Circuit Breaker, 20A, 2P, 120/240V, 10kA
QOUQ225 SCHNEIDER-QOUQ225 Datasheet
103Kb / 2P
QOUQ Miniature Circuit Breaker, 25A, 2P, 120/240V, 10kA
QOUQ230 SCHNEIDER-QOUQ230 Datasheet
108Kb / 2P
QOUQ Miniature Circuit Breaker, 30A, 2P, 120/240V, 10kA
QOUQ235 SCHNEIDER-QOUQ235 Datasheet
108Kb / 2P
QOUQ Miniature Circuit Breaker, 35A, 2P, 120/240V, 10kA
More results


Similar Description - QOUQ115

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU115 SCHNEIDER-QOU115 Datasheet
90Kb / 2P
QOU Miniature Circuit Breaker, 15A, 1P, 120/240V, 10kA
QOUQ215 SCHNEIDER-QOUQ215 Datasheet
102Kb / 2P
QOUQ Miniature Circuit Breaker, 15A, 2P, 120/240V, 10kA
QOUQ240 SCHNEIDER-QOUQ240 Datasheet
102Kb / 2P
QOUQ Miniature Circuit Breaker, 40A, 2P, 120/240V, 10kA
QOUQ315 SCHNEIDER-QOUQ315 Datasheet
122Kb / 2P
QOUQ Miniature Circuit Breaker, 15A, 3P, 240V, 10kA
QOUR115 SCHNEIDER-QOUR115 Datasheet
106Kb / 2P
QOUR Miniature Circuit Breaker, 15A, 1P, 120/240V, 10kA
Feb 21, 2020
QOUQ220 SCHNEIDER-QOUQ220 Datasheet
108Kb / 2P
QOUQ Miniature Circuit Breaker, 20A, 2P, 120/240V, 10kA
QOUQ225 SCHNEIDER-QOUQ225 Datasheet
103Kb / 2P
QOUQ Miniature Circuit Breaker, 25A, 2P, 120/240V, 10kA
QOUQ235 SCHNEIDER-QOUQ235 Datasheet
108Kb / 2P
QOUQ Miniature Circuit Breaker, 35A, 2P, 120/240V, 10kA
QOUQ245 SCHNEIDER-QOUQ245 Datasheet
102Kb / 2P
QOUQ Miniature Circuit Breaker, 45A, 2P, 120/240V, 10kA
QOUR315 SCHNEIDER-QOUR315 Datasheet
117Kb / 2P
QOUQ Miniature Circuit Breaker, 15A, 3P, 240V, 10kA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com