Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2360 Datasheet (PDF) - Intersil Corporation

EL2360 Datasheet PDF - Intersil Corporation
Part # EL2360
Download  EL2360 Download
File Size   279.46 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Triple 130MHz Current Feedback Amplifier

EL2360 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL2360 Datasheet PDF - Intersil Corporation

Part # EL2360
Download  EL2360 Click to download

File Size   279.46 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Triple 130MHz Current Feedback Amplifier

EL2360 Datasheet (HTML) - Intersil Corporation


EL2360 Product details

The EL2360 is a triple currentfeedback operational amplifier which achieves a -3dB bandwidth of 130MHz at a gain of +2. Built using the Elantec proprietary monolithic complementary bipolar process, these amplifiers use current mode feedback to achieve more bandwidth at a given gain than a conventional voltage feedback amplifier.

Features
• Triple amplifier topology
• 130MHz -3dB bandwidth (AV=+2)
• 180MHz -3dB bandwidth (AV=+1)
• Wide supply range, ±2V to ±15V
• 80mA output current (peak)
• Low cost
• 1500V/µs slew rate
• Input common mode range to within 1.5V of supplies
• 35ns settling time to 0.1%
• Available in single (EL2160), dual (EL2260), and quad (EL2460) form

Applications
• RGB amplifiers
• Video amplifiers
• Cable driver
• Test equipment amplifiers
• Current to voltage converters
• Video broadcast equipment




Similar Part No. - EL2360

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2360C ELANTEC-EL2360C Datasheet
417Kb / 16P
Triple 130 MHz Current Feedback Amplifier
EL2360CN ELANTEC-EL2360CN Datasheet
417Kb / 16P
Triple 130 MHz Current Feedback Amplifier
EL2360CS ELANTEC-EL2360CS Datasheet
417Kb / 16P
Triple 130 MHz Current Feedback Amplifier
More results


Similar Description - EL2360

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2360C ELANTEC-EL2360C Datasheet
417Kb / 16P
Triple 130 MHz Current Feedback Amplifier
EL5392C ELANTEC-EL5392C Datasheet
320Kb / 15P
Triple 600MHz Current Feedback Amplifier
EL5393C ELANTEC-EL5393C Datasheet
315Kb / 15P
Triple 300MHz Current Feedback Amplifier
logo
Linear Technology
LT1259 LINER-LT1259 Datasheet
319Kb / 12P
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
logo
Intersil Corporation
EL5367 INTERSIL-EL5367 Datasheet
403Kb / 11P
1GHz Triple Current Feedback Amplifier
November 9, 2004
logo
Linear Technology
LT1259 LINER-LT1259_15 Datasheet
335Kb / 12P
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1260 LINER-LT1260_15 Datasheet
335Kb / 12P
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
logo
Texas Instruments
OPA3681 TI1-OPA3681 Datasheet
401Kb / 22P
Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA3691 TI1-OPA3691 Datasheet
1Mb / 32P
Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
EL5367 RENESAS-EL5367 Datasheet
613Kb / 11P
1GHz Triple Current Feedback Amplifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com