Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33596 Datasheet (PDF) - NXP Semiconductors

MC33596 Datasheet PDF - NXP Semiconductors
Part # MC33596
Download  MC33596 Download
File Size   1207.51 Kbytes
Page   70 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description PLL Tuned UHF Receiver for Data Transfer Applications

MC33596 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33596 Datasheet PDF - NXP Semiconductors

Part # MC33596
Download  MC33596 Click to download

File Size   1207.51 Kbytes
Page   70 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description PLL Tuned UHF Receiver for Data Transfer Applications

MC33596 Datasheet (HTML) - NXP Semiconductors


MC33596 Product details

Overview
The MC33596 is a highly integrated receiver designed for low-voltage applications. It includes a programmable PLL for multi-channel applications, an RSSI circuit, a strobe oscillator that periodically wakes up the receiver while a data manager checks the content of incoming messages. A configuration switching feature allows automatic changing of the configuration between two programmable settings without the need of an MCU.

Features
General:
• 304 MHz, 315 MHz, 426 MHz, 434 MHz, 868 MHz, and 915 MHz ISM bands
• Choice of temperature ranges:
    — –40°C to +85°C
    — –20°C to +85°C
• OOK and FSK reception
• 20 kbps maximum data rate using Manchester coding
• 2.1 V to 3.6 V or 5 V supply voltage
• Programmable via SPI
• 6 kHz PLL frequency step
• Frequency hopping capability with PLL toggle time below 30 µs
• Current consumption:
    — 10.3 mA in RX mode
    — Less then 1 mA in RX mode with strobe ratio = 1/10
    — 260 nA standby and 24 μA off currents
• Configuration switching — allows fast switching of two register banks

Receiver:
• –106.5 dBm sensitivity, up to –108 dBm in FSK 2.4 kbps
• Digital and analog RSSI (received signal strength indicator)
• Automatic wakeup function (strobe oscillator)
• Embedded data processor with programmable word recognition
• Image cancelling mixer
• 380 kHz IF filter bandwidth
• Fast wakeup time




Similar Part No. - MC33596

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33596 FREESCALE-MC33596 Datasheet
522Kb / 58P
PLL Tuned UHF Receiver for Data Transfer Applications
MC33596 FREESCALE-MC33596 Datasheet
950Kb / 70P
PLL Tuned UHF Receiver for Data Transfer Applications
MC33596 FREESCALE-MC33596 Datasheet
950Kb / 70P
PLL Tuned UHF Receiver for Data Transfer Applications
MC33596FCAE FREESCALE-MC33596FCAE Datasheet
522Kb / 58P
PLL Tuned UHF Receiver for Data Transfer Applications
MC33596FCAE/R2 FREESCALE-MC33596FCAE/R2 Datasheet
950Kb / 70P
PLL Tuned UHF Receiver for Data Transfer Applications
More results


Similar Description - MC33596

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33591 MOTOROLA-MC33591 Datasheet
699Kb / 28P
PLL Tuned UHF Receiver for Data Transfer Applications
ROMEO2 MOTOROLA-ROMEO2 Datasheet
681Kb / 28P
PLL Tuned UHF Receiver for Data Transfer Applications
MC33592FTA MOTOROLA-MC33592FTA Datasheet
524Kb / 28P
PLL Tuned UHF Receiver for Data Transfer Applications
logo
Freescale Semiconductor...
MC33596 FREESCALE-MC33596 Datasheet
522Kb / 58P
PLL Tuned UHF Receiver for Data Transfer Applications
MC33596 FREESCALE-MC33596_09 Datasheet
950Kb / 70P
PLL Tuned UHF Receiver for Data Transfer Applications
MC33596 FREESCALE-MC33596_10 Datasheet
950Kb / 70P
PLL Tuned UHF Receiver for Data Transfer Applications
MC33592FTAER2 FREESCALE-MC33592FTAER2 Datasheet
530Kb / 28P
PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33591 NXP-MC33591 Datasheet
798Kb / 28P
PLL Tuned UHF Receiver for Data Transfer Applications
2002
MC33593 NXP-MC33593 Datasheet
780Kb / 28P
PLL Tuned UHF Receiver for Data Transfer Applications
2002
MC33594 NXP-MC33594 Datasheet
727Kb / 28P
PLL Tuned UHF Receiver for Data Transfer Applications
2002
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com