Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4453 Datasheet (PDF) - Intersil Corporation

EL4453 Datasheet PDF - Intersil Corporation
Part # EL4453
Download  EL4453 Download
File Size   371.72 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Video Fader

EL4453 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL4453 Datasheet PDF - Intersil Corporation

Part # EL4453
Download  EL4453 Click to download

File Size   371.72 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Video Fader

EL4453 Datasheet (HTML) - Intersil Corporation


EL4453 Product details

The EL4453 is a complete fader subsystem. It variably blends two inputs together for such applications as video picture-in-picture effects.
The EL4453 operates on ±5V to ±15V supplies and has an analog differential input range of ±2V. AC characteristics do not change appreciably over the supply range.

Features
• Complete two-input fader with output amplifier—uses no extra components
• 80MHz bandwidth
• Fast fade control speed
• Operates on ±5V to ±15V supplies
• > 60dB attenuation @ 5MHz

Applications
• Mixing two inputs
• Picture-in-picture
• Text overlay onto video
• General gain control




Similar Part No. - EL4453

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4453 ELANTEC-EL4453 Datasheet
297Kb / 12P
Video Fader
EL4453C ELANTEC-EL4453C Datasheet
297Kb / 12P
Video Fader
EL4453CN ELANTEC-EL4453CN Datasheet
297Kb / 12P
Video Fader
EL4453CS ELANTEC-EL4453CS Datasheet
297Kb / 12P
Video Fader
More results


Similar Description - EL4453

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
Sound fader control circuit
1995 Dec 19
logo
Rohm
BA3836 ROHM-BA3836 Datasheet
61Kb / 5P
Vocal fader IC
logo
Elantec Semiconductor
EL4094C ELANTEC-EL4094C Datasheet
311Kb / 12P
Video Gain Control/Fader
EL4095C ELANTEC-EL4095C Datasheet
457Kb / 24P
Video Gain Control/Fader/Multiplexer
EL4453C ELANTEC-EL4453C Datasheet
297Kb / 12P
Video Fader
logo
Linear Technology
LT1251 LINER-LT1251 Datasheet
474Kb / 24P
40MHz Video Fader and DC Gain Controlled Amplifier
logo
Intersil Corporation
EL4094 INTERSIL-EL4094 Datasheet
491Kb / 12P
Video Gain Control/Fader
August 1996
EL4095 INTERSIL-EL4095 Datasheet
767Kb / 19P
Video Gain Control/Fader/Multiplexer
August 1996
logo
Linear Technology
LT1251 LINER-LT1251_15 Datasheet
392Kb / 24P
40MHz Video Fader and DC Gain Controlled Amplifier
LT1256 LINER-LT1256_15 Datasheet
392Kb / 24P
40MHz Video Fader and DC Gain Controlled Amplifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com