Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL6173 Datasheet (PDF) - Intersil Corporation

EL6173 Datasheet PDF - Intersil Corporation
Part # EL6173
Download  EL6173 Download
File Size   46.01 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3-Channel Laser Diode Driver w/Oscillator & APC Amplifier

EL6173 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL6173 Datasheet PDF - Intersil Corporation

Part # EL6173
Download  EL6173 Click to download

File Size   46.01 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3-Channel Laser Diode Driver w/Oscillator & APC Amplifier

EL6173 Datasheet (HTML) - Intersil Corporation


EL6173 Product details

3-Channel Laser Diode Driver w/Oscillator & APC Amplifier

The EL6173 is a high performance three-channel laser driver that provides controlled current to a grounded laser diode. Write channels 2 and 3 can provide up to 200mA per channel of DC or pulsed current, with switching speeds of approximately one nanosecond rise/fall time. All three channels are summed together at the IOUT output, allowing the user to create multilevel waveforms in order to optimize laser diode performance. The level of the output current is set by an analog voltage applied to an external resistor which converts the voltage into a current at the IIN pin (virtually ground). The current seen at this pin is then amplified to become a current source at pin IOUT.

Features
• “Shrink-Small” outline package
• Voltage-controlled output current source to 200mA per
   channel, requiring one external set resistor per channel
• Current-controlled output current source to 200mA per
   channel
• Rise time = 0.8ns
• Fall time = 0.8ns
• On-chip oscillator with frequency and amplitude control by
   use of external resistors to ground
• Oscillator to 500MHz
• Oscillator to 100mAPK/PK
• Single +5V supply (±10%)
• Disable feature for power-up protection and power savings
• Fast-settling APC amplifier
• Pb-free Available as an Option

Applications
• CD-RW applications
• Writable optical drives
• Laser diode current switching




Similar Part No. - EL6173

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL617 EVERLIGHT-EL617 Datasheet
820Kb / 12P
4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL617-G EVERLIGHT-EL617-G Datasheet
820Kb / 12P
4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL617;;DIP EVERLIGHT-EL617;;DIP Datasheet
820Kb / 12P
4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL617A EVERLIGHT-EL617A Datasheet
820Kb / 12P
4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL617B EVERLIGHT-EL617B Datasheet
820Kb / 12P
4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Similar Description - EL6173

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6242C ELANTEC-EL6242C Datasheet
140Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6244C ELANTEC-EL6244C Datasheet
135Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6245C ELANTEC-EL6245C Datasheet
135Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6248C ELANTEC-EL6248C Datasheet
136Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6258C ELANTEC-EL6258C Datasheet
135Kb / 2P
3-Channel Laser Driver Oscillator APC Amplifier
EL6273C ELANTEC-EL6273C Datasheet
135Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6283C ELANTEC-EL6283C Datasheet
41Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6288C ELANTEC-EL6288C Datasheet
135Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
logo
Intersil Corporation
EL6244 INTERSIL-EL6244 Datasheet
46Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
June 17, 2004
EL6245 INTERSIL-EL6245 Datasheet
46Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
June 17, 2004
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com