Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7534 Datasheet (PDF) - Intersil Corporation

EL7534 Datasheet PDF - Intersil Corporation
Part # EL7534
Download  EL7534 Download
File Size   351.68 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Monolithic 600mA Step-Down Regulator

EL7534 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7534 Datasheet PDF - Intersil Corporation

Part # EL7534
Download  EL7534 Click to download

File Size   351.68 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Monolithic 600mA Step-Down Regulator

EL7534 Datasheet (HTML) - Intersil Corporation


EL7534 Product details

The EL7534 is a synchronous, integrated FET 600mA stepdown regulator with internal compensation. It operates with an input voltage range from 2.5V to 5.5V, which accommodates supplies of 3.3V, 5V, or a Li-Ion battery source. The output can be externally set from 0.8V to VIN with a resistive divider.

Features
• Less than 0.15 in2 (0.97 cm2) footprint for the complete 600mA converter
• Components on one side of PCB
• Max height 1.1 mm MSOP10
• 100ms Power-On-Reset output (POR)
• Internally-compensated voltage mode controller
• Up to 94% efficiency
• <1µA shut-down current
• Overcurrent and over-temperature protection
• Pb-free plus anneal available (RoHS compliant)

Applications
• PDA and pocket PC computers
• Bar code readers
• Cellular phones
• Portable test equipment
• Li-Ion battery powered devices
• Small form factor (SFP) modules




Similar Part No. - EL7534

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7534 INTERSIL-EL7534 Datasheet
193Kb / 9P
Monolithic 600mA Step-Down Regulator
July 12, 2006
logo
Renesas Technology Corp
EL7534 RENESAS-EL7534 Datasheet
487Kb / 9P
Monolithic 600mA Step-Down Regulator
logo
Intersil Corporation
EL7534IY INTERSIL-EL7534IY Datasheet
193Kb / 9P
Monolithic 600mA Step-Down Regulator
July 12, 2006
logo
Renesas Technology Corp
EL7534IY RENESAS-EL7534IY Datasheet
487Kb / 9P
Monolithic 600mA Step-Down Regulator
logo
Intersil Corporation
EL7534IY-T13 INTERSIL-EL7534IY-T13 Datasheet
193Kb / 9P
Monolithic 600mA Step-Down Regulator
July 12, 2006
More results


Similar Description - EL7534

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7530 INTERSIL-EL7530 Datasheet
476Kb / 11P
Monolithic 600mA Step-Down Regulator with Low Quiescent Current
August 10, 2005
ISL8010 INTERSIL-ISL8010 Datasheet
543Kb / 12P
Monolithic 600mA Step-Down Regulator with Low Quiescent Current
September 27, 2005
ISL8010 INTERSIL-ISL8010_06 Datasheet
377Kb / 11P
Monolithic 600mA Step-Down Regulator with Low Quiescent Current
July 12, 2006
EL7534 INTERSIL-EL7534_06 Datasheet
193Kb / 9P
Monolithic 600mA Step-Down Regulator
July 12, 2006
EL7530 INTERSIL-EL7530_06 Datasheet
323Kb / 11P
Monolithic 600mA Step-Down Regulator with Low Quiescent Current
July 12, 2006
logo
Linear Technology
LTC3419 LINER-LTC3419 Datasheet
255Kb / 16P
Dual Monolithic 600mA Synchronous Step-Down Regulator
LTC3419 LINER-LTC3419_15 Datasheet
263Kb / 16P
Dual Monolithic 600mA Synchronous Step-Down Regulator
LTC3607EUD LINER-LTC3607EUD Datasheet
428Kb / 8P
Dual 600mA 15V Monolithic Synchronous Step-Down Regulator
logo
Renesas Technology Corp
EL7534 RENESAS-EL7534 Datasheet
487Kb / 9P
Monolithic 600mA Step-Down Regulator
ISL8010 RENESAS-ISL8010 Datasheet
699Kb / 11P
Monolithic 600mA Step-Down Regulator with Low Quiescent Current
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com