Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7551CU Datasheet (PDF) - Intersil Corporation

EL7551CU Datasheet PDF - Intersil Corporation
Part # EL7551CU
Download  EL7551CU Download
File Size   149.48 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Monolithic 1Amp DC:DC Step-down Regulator

EL7551CU Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7551CU Datasheet PDF - Intersil Corporation

Part # EL7551CU
Download  EL7551CU Click to download

File Size   149.48 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Monolithic 1Amp DC:DC Step-down Regulator

EL7551CU Datasheet (HTML) - Intersil Corporation


EL7551CU Product details

Monolithic 1Amp DC:DC Step-down Regulator

The EL7551 is an integrated, synchronous step-down regulator with output voltage adjustable from 1.0V to 3.8V. It is capable of delivering 1A continuous current at up to 95% efficiency. The EL7551 operates at a constant frequency pulse width modulation (PWM) mode, making external synchronization possible. Patented on-chip resistorless current sensing enables current mode control, which provides cycle-by-cycle current limiting, over-current protection, and excellent step load response. The EL7551 is available in a fused-lead 16-pin QSOP package. With proper external components, the whole converter fits into a less than 0.4 in2 area. The minimal external components and small size make this EL7551 ideal for desktop and portable applications.

Features
• Integrated synchronous MOSFETs and current mode controller
• 1A continuous output current
• Up to 95% efficiency
• 4.5V to 5.5V input voltage
• Adjustable output from 1V to 3.8V
• Cycle-by-cycle current limit
• Precision reference
• ±0.5% load and line regulation
• Adjustable switching frequency to 1.2MHz
• Oscillator synchronization possible
• Internal soft start
• Over temperature protection
• Under voltage lockout
• 16-pin QSOP package
• Pb-free plus anneal available (RoHS compliant)

Applications
• DSP, CPU Core and IO Supplies
• Logic/Bus Supplies
• Portable Equipment
• DC:DC Converter Modules
• GTL + Bus Power Supply




Similar Part No. - EL7551CU

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7551CU ELANTEC-EL7551CU Datasheet
260Kb / 11P
Monolithic 1 Amp DC:DC Step-down Regulator
logo
Renesas Technology Corp
EL7551CU RENESAS-EL7551CU Datasheet
493Kb / 9P
Monolithic 1Amp DC:DC Step-down Regulator
logo
Intersil Corporation
EL7551CU-T13 INTERSIL-EL7551CU-T13 Datasheet
173Kb / 9P
Monolithic 1Amp DC:DC Step-down Regulator
March 21, 2006
logo
Renesas Technology Corp
EL7551CU-T13 RENESAS-EL7551CU-T13 Datasheet
493Kb / 9P
Monolithic 1Amp DC:DC Step-down Regulator
logo
Intersil Corporation
EL7551CU-T7 INTERSIL-EL7551CU-T7 Datasheet
173Kb / 9P
Monolithic 1Amp DC:DC Step-down Regulator
March 21, 2006
More results


Similar Description - EL7551CU

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7551C ELANTEC-EL7551C Datasheet
260Kb / 11P
Monolithic 1 Amp DC:DC Step-down Regulator
EL7562C ELANTEC-EL7562C Datasheet
241Kb / 10P
Monolithic 2 Amp DC:DC Step-down Regulator
EL7563C ELANTEC-EL7563C Datasheet
1Mb / 18P
Monolithic 4 Amp DC:DC Step-down Regulator
EL7564C ELANTEC-EL7564C Datasheet
1Mb / 18P
Monolithic 4 Amp DC:DC Step-down Regulator
logo
Intersil Corporation
EL7563 INTERSIL-EL7563 Datasheet
635Kb / 16P
Monolithic 4 Amp DC:DC Step-Down Regulator
May 13, 2005
EL7536 INTERSIL-EL7536 Datasheet
430Kb / 8P
Monolithic 1A Step-Down Regulator
August 10, 2005
EL7536 INTERSIL-EL7536_06 Datasheet
186Kb / 9P
Monolithic 1A Step-Down Regulator
July 13, 2006
EL7551 INTERSIL-EL7551_06 Datasheet
173Kb / 9P
Monolithic 1Amp DC:DC Step-down Regulator
March 21, 2006
logo
Renesas Technology Corp
EL7535 RENESAS-EL7535 Datasheet
505Kb / 10P
Monolithic 350mA Step-Down Regulator
EL7551 RENESAS-EL7551 Datasheet
493Kb / 9P
Monolithic 1Amp DC:DC Step-down Regulator
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com