Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7564 Datasheet (PDF) - Intersil Corporation

EL7564 Datasheet PDF - Intersil Corporation
Part # EL7564
Download  EL7564 Download
File Size   644.43 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Monolithic 4 Amp DC/DC Step-Down Regulator

EL7564 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7564 Datasheet PDF - Intersil Corporation

Part # EL7564
Download  EL7564 Click to download

File Size   644.43 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Monolithic 4 Amp DC/DC Step-Down Regulator

EL7564 Datasheet (HTML) - Intersil Corporation


EL7564 Product details

The EL7564 is an integrated, full-featured synchronous step down regulator with output voltage adjustable from 1.0V to 3.8V. It is capable of delivering 4A continuous current at up to 95% efficiency. The EL7564 operates at a constant frequency pulse width modulation (PWM) mode, making external synchronization possible. Patented on-chip resistorless current sensing enables current mode control, which provides cycle-by-cycle current limiting, over-current protection, and excellent step load response. The EL7564 features power tracking, which makes the start-up sequencing of multiple converters possible. A junction temperature indicator conveniently monitors the silicon die temperature, saving the designer time on the tedious thermal characterization. The minimal external components and full functionality make this EL7564 ideal for desktop and portable applications.
The EL7564 is specified for operation over the -40°C to +85°C temperature range.

Features
• Integrated synchronous MOSFETs and current mode controller
• 4A continuous output current
• Up to 95% efficiency
• 4.5V to 5.5V input voltage
• Adjustable output from 1V to 3.8V
• Cycle-by-cycle current limit
• Precision reference
• ±0.5% load and line regulation
• Adjustable switching frequency to 1MHz
• Oscillator synchronization possible
• Internal soft start
• Over voltage protection
• Junction temperature indicator
• Over temperature protection
• Under voltage lockout
• Multiple supply start-up tracking
• Power good indicator
• 20-pin SO (0.300”) package
• 28-pin HTSSOP package
• Pb-Free available (RoHS compliant)

Applications
• DSP, CPU core and IO supplies
• Logic/Bus supplies
• Portable equipment
• DC/DC converter modules
• GTL + Bus power supply




Similar Part No. - EL7564

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7564 RENESAS-EL7564 Datasheet
875Kb / 17P
Monolithic 4 Amp DC/DC Step-Down Regulator
logo
Elantec Semiconductor
EL7564C ELANTEC-EL7564C Datasheet
1Mb / 18P
Monolithic 4 Amp DC:DC Step-down Regulator
EL7564CM ELANTEC-EL7564CM Datasheet
1Mb / 18P
Monolithic 4 Amp DC:DC Step-down Regulator
logo
Renesas Technology Corp
EL7564CM RENESAS-EL7564CM Datasheet
875Kb / 17P
Monolithic 4 Amp DC/DC Step-Down Regulator
logo
Elantec Semiconductor
EL7564CM-T13 ELANTEC-EL7564CM-T13 Datasheet
1Mb / 18P
Monolithic 4 Amp DC:DC Step-down Regulator
More results


Similar Description - EL7564

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7566 INTERSIL-EL7566 Datasheet
490Kb / 14P
Monolithic 6 Amp DC-DC Step-Down Regulator
December 1, 2004
EL7554 INTERSIL-EL7554 Datasheet
499Kb / 14P
Monolithic 4 Amp DC-DC Step-Down Regulator
January 31, 2005
EL7562 INTERSIL-EL7562 Datasheet
246Kb / 9P
Monolithic 2Amp DC-DC Step-Down Regulator
April 30, 2004
EL7566 INTERSIL-EL7566_06 Datasheet
399Kb / 14P
Monolithic 6A DC/DC Step-Down Regulator
EL7562 INTERSIL-EL7562_06 Datasheet
162Kb / 9P
Monolithic 2Amp DC-DC Step-Down Regulator
May 1, 2006
EL7554 INTERSIL-EL7554_06 Datasheet
404Kb / 14P
Monolithic 4 Amp DC-DC Step-Down Regulator
May 8, 2006
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
Monolithic 4A DC/DC Step-Down Regulator
EL7562 RENESAS-EL7562 Datasheet
470Kb / 9P
Monolithic 2Amp DC-DC Step-Down Regulator
EL7563 RENESAS-EL7563 Datasheet
861Kb / 16P
Monolithic 4 Amp DC/DC Step-Down Regulator
EL7564 RENESAS-EL7564 Datasheet
875Kb / 17P
Monolithic 4 Amp DC/DC Step-Down Regulator
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com