Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7585A Datasheet (PDF) - Intersil Corporation

EL7585A Datasheet PDF - Intersil Corporation
Part # EL7585A
Download  EL7585A Download
File Size   730.71 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description TFT-LCD Power Supply

EL7585A Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7585A Datasheet PDF - Intersil Corporation

Part # EL7585A
Download  EL7585A Click to download

File Size   730.71 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description TFT-LCD Power Supply

EL7585A Datasheet (HTML) - Intersil Corporation


EL7585A Product details

The EL7585A represents a multiple output regulators for use in all large panel, TFT-LCD applications. It features a single boost converter with integrated 3.5A FET, two positive LDOs for VON and VLOGIC generation, and a single negative LDO for VOFF generation. The boost converter can be programmed to operate in either P-mode or PI-mode for improved load regulation.

Features
• 3.5A current limit FET options
• 3V to 5V input
• Up to 20V boost out
• 1% regulation on all outputs
• VOFF-VBOOST-VON or VBOOST-VOFF-VON sequence control
    - VLOGIC is on from start-up for EL7585A
• Programmable sequence delay
• Fully fault protected
• Thermal shutdown
• Internal soft-start
• 20 Ld QFN packages
• Pb-free plus anneal available (RoHS compliant)

Applications
• LCD monitors (15”+)
• LCD-TV (up to 40”+)
• Notebook displays (up to 16”)
• Industrial/medical LCD displays




Similar Part No. - EL7585A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7585A INTERSIL-EL7585A Datasheet
738Kb / 19P
TFT-LCD Power Supply
March 9, 2006
logo
Renesas Technology Corp
EL7585A RENESAS-EL7585A Datasheet
1Mb / 19P
TFT-LCD Power Supply
logo
Intersil Corporation
EL7585AILZ INTERSIL-EL7585AILZ Datasheet
738Kb / 19P
TFT-LCD Power Supply
March 9, 2006
logo
Renesas Technology Corp
EL7585AILZ RENESAS-EL7585AILZ Datasheet
1Mb / 19P
TFT-LCD Power Supply
logo
Intersil Corporation
EL7585AILZ-T13 INTERSIL-EL7585AILZ-T13 Datasheet
738Kb / 19P
TFT-LCD Power Supply
March 9, 2006
More results


Similar Description - EL7585A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7586 INTERSIL-EL7586 Datasheet
772Kb / 21P
TFT-LCD Power Supply
October 7, 2005
EL7585 INTERSIL-EL7585 Datasheet
732Kb / 18P
TFT-LCD Power Supply
July 1, 2005
EL7585 INTERSIL-EL7585_06 Datasheet
738Kb / 19P
TFT-LCD Power Supply
March 9, 2006
EL7585AP INTERSIL-EL7585AP_06 Datasheet
738Kb / 19P
TFT-LCD Power Supply
March 9, 2006
EL7586 INTERSIL-EL7586_06 Datasheet
787Kb / 21P
TFT-LCD Power Supply
January 17, 2006
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
TFT-LCD Power Supply
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
TFT-LCD Power Supply
January 17, 2006
logo
Renesas Technology Corp
EL7585 RENESAS-EL7585 Datasheet
1Mb / 19P
TFT-LCD Power Supply
EL7585A RENESAS-EL7585A Datasheet
1Mb / 19P
TFT-LCD Power Supply
EL7586 RENESAS-EL7586 Datasheet
1Mb / 21P
TFT-LCD Power Supply
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com