Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL59424 Datasheet (PDF) - Intersil Corporation

ISL59424 Datasheet PDF - Intersil Corporation
Part # ISL59424
Download  ISL59424 Download
File Size   780.4 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 1GHz Triple Multiplexing Amplifiers

ISL59424 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL59424 Datasheet PDF - Intersil Corporation

Part # ISL59424
Download  ISL59424 Click to download

File Size   780.4 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 1GHz Triple Multiplexing Amplifiers

ISL59424 Datasheet (HTML) - Intersil Corporation


ISL59424 Product details

The ISL59424 and ISL59445 are 1GHz bandwidth multiplexing amplifiers designed primarily for video input switching. These MUX-amps exhibit a fixed gain of 1 and also feature a high speed three-state to enable the output of multiple devices to be wired together.

Features
• Triple 2:1 and 4:1 Multiplexers for RGB
• Internally Set Gain-of-1
• High Speed Three-state Outputs (HIZ)
• Power-down Mode (EN)
• Latch Enable (ISL59424)
• ±5V Operation
• ±1200 V/µsec Slew Rate
• 1GHz Bandwidth
• Latched Select Pin (ISL59424)
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• HDTV/DTV Analog Inputs
• Video Projectors
• Computer Monitors
• Set-top Boxes
• Security Video
• Broadcast Video Equipment




Similar Part No. - ISL59424

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59424 RENESAS-ISL59424 Datasheet
885Kb / 14P
1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59424 INTERSIL-ISL59424 Datasheet
707Kb / 14P
1GHz Triple Multiplexing Amplifiers
September 30, 2011
ISL59424IRZ INTERSIL-ISL59424IRZ Datasheet
707Kb / 14P
1GHz Triple Multiplexing Amplifiers
September 30, 2011
logo
Renesas Technology Corp
ISL59424IRZ RENESAS-ISL59424IRZ Datasheet
885Kb / 14P
1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59424IRZ-T13 INTERSIL-ISL59424IRZ-T13 Datasheet
707Kb / 14P
1GHz Triple Multiplexing Amplifiers
September 30, 2011
More results


Similar Description - ISL59424

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4342 INTERSIL-EL4342 Datasheet
882Kb / 13P
500MHz Triple, Multiplexing Amplifiers
September 21, 2005
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
Dual, 500MHz Triple, Multiplexing Amplifiers
December 22, 2006
ISL59482 INTERSIL-ISL59482 Datasheet
680Kb / 14P
Dual, 500MHz Triple, Multiplexing Amplifiers
December 22, 2006
EL4340 INTERSIL-EL4340_06 Datasheet
883Kb / 13P
500MHz Triple, Multiplexing Amplifiers
February 23, 2006
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
500MHz Triple, Multiplexing Amplifiers
October 18, 2010
EL4340IUZ INTERSIL-EL4340IUZ Datasheet
812Kb / 13P
500MHz Triple, Multiplexing Amplifiers
October 18, 2010
ISL59424IRZ INTERSIL-ISL59424IRZ Datasheet
707Kb / 14P
1GHz Triple Multiplexing Amplifiers
September 30, 2011
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
500MHz Triple Multiplexing Amplifiers
ISL59424 RENESAS-ISL59424 Datasheet
885Kb / 14P
1GHz Triple Multiplexing Amplifiers
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
Dual, 500MHz Triple, Multiplexing Amplifiers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com