Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M9F11432 Datasheet (PDF) - Schneider Electric

M9F11432 Datasheet PDF - Schneider Electric
Part # M9F11432
Download  M9F11432 Download
File Size   127.42 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Multi 9 - C60N - MCB - 4P - 32 A - C Curve - 415 V - 10 kA

M9F11432 Datasheet (PDF)

Go To PDF Page Download Datasheet
M9F11432 Datasheet PDF - Schneider Electric

Part # M9F11432
Download  M9F11432 Click to download

File Size   127.42 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Multi 9 - C60N - MCB - 4P - 32 A - C Curve - 415 V - 10 kA

M9F11432 Datasheet (HTML) - Schneider Electric




Similar Part No. - M9F11432

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
M9F11401 SCHNEIDER-M9F11401 Datasheet
118Kb / 2P
Multi 9 - C60N - MCB - 4P - 1 A - C Curve - 415 V - 10 kA
Mar 16, 2020
M9F11402 SCHNEIDER-M9F11402 Datasheet
127Kb / 3P
Multi 9 - C60N - MCB - 4P - 2 A - C Curve - 415 V - 10 kA
Mar 16, 2020
M9F11403 SCHNEIDER-M9F11403 Datasheet
127Kb / 3P
Multi 9 - C60N - MCB - 4P - 3 A - C Curve - 415 V - 10 kA
Mar 16, 2020
M9F11404 SCHNEIDER-M9F11404 Datasheet
127Kb / 3P
Multi 9 - C60N - MCB - 4P - 4 A - C Curve - 415 V - 10 kA
Mar 16, 2020
M9F11406 SCHNEIDER-M9F11406 Datasheet
127Kb / 3P
Multi 9 - C60N - MCB - 4P - 6 A - C Curve - 415 V - 10 kA
Mar 10, 2020
More results


Similar Description - M9F11432

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
M9F11406 SCHNEIDER-M9F11406 Datasheet
127Kb / 3P
Multi 9 - C60N - MCB - 4P - 6 A - C Curve - 415 V - 10 kA
Mar 10, 2020
M9F11420 SCHNEIDER-M9F11420 Datasheet
127Kb / 3P
Multi 9 - C60N - MCB - 4P - 20 A - C Curve - 415 V - 10 kA
Mar 10, 2020
M9F11425 SCHNEIDER-M9F11425 Datasheet
127Kb / 3P
Multi 9 - C60N - MCB - 4P - 25 A - C Curve - 415 V - 10 kA
Mar 10, 2020
M9F11440 SCHNEIDER-M9F11440 Datasheet
127Kb / 3P
Multi 9 - C60N - MCB - 4P - 40 A - C Curve - 415 V - 10 kA
Mar 10, 2020
M9F11463 SCHNEIDER-M9F11463 Datasheet
127Kb / 3P
Multi 9 - C60N - MCB - 4P - 63 A - C Curve - 415 V - 10 kA
Mar 10, 2020
M9F11401 SCHNEIDER-M9F11401 Datasheet
118Kb / 2P
Multi 9 - C60N - MCB - 4P - 1 A - C Curve - 415 V - 10 kA
Mar 16, 2020
M9F11402 SCHNEIDER-M9F11402 Datasheet
127Kb / 3P
Multi 9 - C60N - MCB - 4P - 2 A - C Curve - 415 V - 10 kA
Mar 16, 2020
M9F11410 SCHNEIDER-M9F11410 Datasheet
127Kb / 3P
Multi 9 - C60N - MCB - 4P - 10 A - C Curve - 415 V - 10 kA
Mar 16, 2020
M9F11413 SCHNEIDER-M9F11413 Datasheet
126Kb / 3P
Multi 9 - C60N - MCB - 4P - 13 A - C Curve - 415 V - 10 kA
Mar 16, 2020
M9F12432 SCHNEIDER-M9F12432 Datasheet
127Kb / 3P
Multi 9 - C60N - MCB - 4P - 32 A - D Curve - 415 V - 10 kA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com