Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M9F12320 Datasheet (PDF) - Schneider Electric

M9F12320 Datasheet PDF - Schneider Electric
Part # M9F12320
Download  M9F12320 Download
File Size   118.18 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Multi 9 - C60N - MCB - 3P - 20 A - D Curve - 415 V - 10 kA

M9F12320 Datasheet (PDF)

Go To PDF Page Download Datasheet
M9F12320 Datasheet PDF - Schneider Electric

Part # M9F12320
Download  M9F12320 Click to download

File Size   118.18 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Multi 9 - C60N - MCB - 3P - 20 A - D Curve - 415 V - 10 kA

M9F12320 Datasheet (HTML) - Schneider Electric




Similar Part No. - M9F12320

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
M9F12325 SCHNEIDER-M9F12325 Datasheet
118Kb / 3P
Multi 9 - C60N - MCB - 3P - 25 A - D Curve - 415 V - 10 kA
More results


Similar Description - M9F12320

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
M9F11320 SCHNEIDER-M9F11320 Datasheet
118Kb / 3P
Multi 9 - C60N - MCB - 3P - 20 A - C Curve - 415 V - 10 kA
M9F12304 SCHNEIDER-M9F12304 Datasheet
118Kb / 3P
Multi 9 - C60N - MCB - 3P - 4 A - D Curve - 415 V - 10 kA
M9F12310 SCHNEIDER-M9F12310 Datasheet
118Kb / 3P
Multi 9 - C60N - MCB - 3P - 10 A - D Curve - 415 V - 10 kA
M9F12325 SCHNEIDER-M9F12325 Datasheet
118Kb / 3P
Multi 9 - C60N - MCB - 3P - 25 A - D Curve - 415 V - 10 kA
M9F12302 SCHNEIDER-M9F12302 Datasheet
118Kb / 3P
Multi 9 - C60N - MCB - 3P - 2 A - D Curve - 415 V - 10 kA
M9F12303 SCHNEIDER-M9F12303 Datasheet
109Kb / 2P
Multi 9 - C60N - MCB - 3P - 3 A - D Curve - 415 V - 10 kA
M9F12306 SCHNEIDER-M9F12306 Datasheet
118Kb / 3P
Multi 9 - C60N - MCB - 3P - 6 A - D Curve - 415 V - 10 kA
M9F12313 SCHNEIDER-M9F12313 Datasheet
116Kb / 3P
Multi 9 - C60N - MCB - 3P - 13 A - D Curve - 415 V - 10 kA
M9F12340 SCHNEIDER-M9F12340 Datasheet
118Kb / 3P
Multi 9 - C60N - MCB - 3P - 40 A - D Curve - 415 V - 10 kA
M9F12350 SCHNEIDER-M9F12350 Datasheet
108Kb / 2P
Multi 9 - C60N - MCB - 3P - 50 A - D Curve - 415 V - 10 kA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com