Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRE205C Datasheet (PDF) - List of Unclassifed Manufacturers

VRE205C Datasheet PDF - List of Unclassifed Manufacturers
Part # VRE205C
Download  VRE205C Download
File Size   197.56 Kbytes
Page   5 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Precision Surface Mount Reference Supply

VRE205C Datasheet (PDF)

Go To PDF Page Download Datasheet
VRE205C Datasheet PDF - List of Unclassifed Manufacturers

Part # VRE205C
Download  VRE205C Click to download

File Size   197.56 Kbytes
Page   5 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Precision Surface Mount Reference Supply

VRE205C Datasheet (HTML) - List of Unclassifed Manufacturers


VRE205C Product details

[THALER CORPORATION]

DESCRIPTION
VRE205 Series Precision Voltage References provides ultrastable +5.000 V outputs with ±0.4 mV initial accuracy and temperature coefficient as low as 0.6 ppm/°C over the full military temperature range. This improvement in accuracy is made possible by a unique, proprietary multipoint laser compensation technique developed by Thaler Corporation. Significant improvements have been made in other performance parameters as well, including initial accuracy, warm-up drift, line regulation, and longterm stability, making the VRE205 series the most accurate and stable 5V references available.

FEATURES
• PIN AND FUNCTION COMPATIBLE TO REF02
• VERY HIGH ACCURACY: 5.000 V OUTPUT ±0.4 mV
• EXTREMELY LOW DRIFT: 0.6 ppm/°C -55°C to +125°C
• EXCELLENT STABILITY: 6 ppm/1000 Hrs. Typ.
• EXCELLENT LINE REGULATION: 6 ppm/V Typ.
• WIDE SUPPLY RANGE: +13.5 V to -22.0 V
• HERMETIC 20 TERMINAL CERAMIC LCC
• MILITARY PROCESSING OPTION

APPLICATIONS
• PRECISION A/D and D/A CONVERTERS
• TRANSDUCER EXCITATION
• ACCURATE COMPARATOR THRESHOLD REFERENCE
• HIGH RESOLUTION SERVO SYSTEMS
• DIGITAL VOLTMETERS
• HIGH PRECISION TEST and MEASUREMENT INSTRUMENTS




Similar Part No. - VRE205C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE205C ETC2-VRE205C Datasheet
540Kb / 20P
Precision Surface Mount Reference Supplies
logo
Cirrus Logic
VRE205C CIRRUS-VRE205C Datasheet
316Kb / 4P
Precision Voltage Reference
VRE205C CIRRUS-VRE205C Datasheet
641Kb / 4P
Precision Voltage Reference
logo
List of Unclassifed Man...
VRE205CA ETC2-VRE205CA Datasheet
540Kb / 20P
Precision Surface Mount Reference Supplies
logo
Cirrus Logic
VRE205CA CIRRUS-VRE205CA Datasheet
316Kb / 4P
Precision Voltage Reference
More results


Similar Description - VRE205C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
Precision Reference?
logo
Maxim Integrated Produc...
MAX9040 MAXIM-MAX9040 Datasheet
162Kb / 12P
Micropower, Single-Supply, SOT23 Comparator Precision Reference ICs
Rev 1; 1/00
logo
List of Unclassifed Man...
VRE204 ETC-VRE204 Datasheet
197Kb / 5P
Precision Surface Mount Reference Supply
VRE202 ETC-VRE202 Datasheet
169Kb / 5P
Precision Surface Mount Reference Supplies
logo
Maxim Integrated Produc...
MAX6035 MAXIM-MAX6035 Datasheet
717Kb / 14P
High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 1; 5/03
logo
List of Unclassifed Man...
VRE202 ETC2-VRE202_07 Datasheet
540Kb / 20P
Precision Surface Mount Reference Supplies
logo
Maxim Integrated Produc...
MAX6035 MAXIM-MAX6035_06 Datasheet
781Kb / 15P
High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 3; 11/06
logo
Linear Technology
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
Precision Reference
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
Precision Reference
logo
Analog Devices
LT6654BX AD-LT6654BX Datasheet
1Mb / 14P
Wide Supply 2.5V Precision Voltage Reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com