Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0603C103J5RAC Datasheet (PDF) - NXP Semiconductors

C0603C103J5RAC Datasheet PDF - NXP Semiconductors
Part # C0603C103J5RAC
Download  C0603C103J5RAC Download
File Size   456.37 Kbytes
Page   20 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Heterojunction Bipolar Transistor Technology (InGaP HBT)

C0603C103J5RAC Datasheet (PDF)

Go To PDF Page Download Datasheet
C0603C103J5RAC Datasheet PDF - NXP Semiconductors

Part # C0603C103J5RAC
Download  C0603C103J5RAC Click to download

File Size   456.37 Kbytes
Page   20 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Heterojunction Bipolar Transistor Technology (InGaP HBT)

C0603C103J5RAC Datasheet (HTML) - NXP Semiconductors


C0603C103J5RAC Product details

Heterojunction Bipolar Transistor Technology (InGaP HBT)
Broadband High Linearity Amplifier

The MMG3005NT1 is a general purpose amplifier that is internally prematched and designed for a broad range of Class A, small--signal, high linearity, general purpose applications. It is suitable for applications with frequencies from 800 to 2200 MHz such as cellular, PCS, WLL, PHS, VHF, UHF, UMTS and general small--signal RF.

Features
• Frequency: 800--2200 MHz
• P1dB: 30 dBm @ 2140 MHz
• Small--Signal Gain: 15 dB @ 2140 MHz
• Third Order Output Intercept Point: 47 dBm @ 2140 MHz
• Single 5 V Supply
• Internally Prematched to 50 Ohms
• In Tape and Reel. T1 Suffix = 1,000 Units, 16 mm Tape Width, 13--inch Reel.




Similar Part No. - C0603C103J5RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C103J5RAC KEMET-C0603C103J5RAC Datasheet
39Kb / 2P
CERAMIC CHIP/STANDARD
logo
NXP Semiconductors
C0603C103J5RAC NXP-C0603C103J5RAC Datasheet
460Kb / 21P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
C0603C103J5RAC NXP-C0603C103J5RAC Datasheet
478Kb / 24P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 6, 12/2017
C0603C103J5RAC NXP-C0603C103J5RAC Datasheet
438Kb / 14P
Heterojunction Bipolar Transistor (InGaP HBT)
Rev. 7, 9/2014
C0603C103J5RAC NXP-C0603C103J5RAC Datasheet
403Kb / 14P
Heterojunction Bipolar Transistor (InGaP HBT)
Rev. 7, 9/2014
More results


Similar Description - C0603C103J5RAC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3001NT1 FREESCALE-MMG3001NT1 Datasheet
297Kb / 15P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3014NT1 FREESCALE-MMG3014NT1 Datasheet
356Kb / 17P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3003NT1 FREESCALE-MMG3003NT1_08 Datasheet
410Kb / 18P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMG3006NT1 NXP-MMG3006NT1 Datasheet
478Kb / 24P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 6, 12/2017
MMG3012NT1 NXP-MMG3012NT1 Datasheet
423Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 8, 9/2014
MMG3H21NT1 NXP-MMG3H21NT1 Datasheet
367Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 3, 9/2014
MMG3001NT1 NXP-MMG3001NT1 Datasheet
388Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
MMG3015NT1 NXP-MMG3015NT1 Datasheet
389Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 4, 9/2014
MMZ09312B NXP-MMZ09312B Datasheet
1Mb / 28P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 12/2014
MMZ25332B NXP-MMZ25332B Datasheet
640Kb / 19P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com