Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC-05-1503 Datasheet (PDF) - Kemet Corporation

SC-05-1503 Datasheet PDF - Kemet Corporation
Part # SC-05-1503
Download  SC-05-1503 Download
File Size   97.11 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description KEMET, SC, AC Line Filters, Common Mode, 0.0105 H

SC-05-1503 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC-05-1503 Datasheet PDF - Kemet Corporation

Part # SC-05-1503
Download  SC-05-1503 Click to download

File Size   97.11 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description KEMET, SC, AC Line Filters, Common Mode, 0.0105 H

SC-05-1503 Datasheet (HTML) - Kemet Corporation


SC-05-1503 Product details

Overview
The KEMET SC coils are common mode chokes with a wide variety of characteristics. These toroidal coils are designed with our proprietary ferrite cores and are useful in various noise countermeasure fields.

Benefits
• Proprietary 5H, 7H and 10H ferrite material and equivalents
• Suitable for ≥ 150 kHz range
• Wide variety of sizes and specifications
• Operating temperature range from −25°C to +105°C or +120°C
• UL 94 V–2 or V–0 flame retardant rated cap

Applications
• Audio-visual equipment
• Home appliances
• Power supplies




Similar Part No. - SC-05-1503

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SC-05-1503 KEMET-SC-05-1503 Datasheet
1Mb / 17P
Common Mode SC Coils, Standard Series
More results


Similar Description - SC-05-1503

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SC-12-100JH KEMET-SC-12-100JH Datasheet
129Kb / 1P
KEMET, SC-JH, AC Line Filters, Common Mode, 0.01 H
SC-05-100J KEMET-SC-05-100J Datasheet
91Kb / 1P
KEMET, SC-J, AC Line Filters, Common Mode, 0.0105 H
SC-05-1100 KEMET-SC-05-1100 Datasheet
97Kb / 1P
KEMET, SC, AC Line Filters, Common Mode, 0.011 H
SC-030-E110JH-P KEMET-SC-030-E110JH-P Datasheet
162Kb / 1P
KEMET, SC-JH, AC Line Filters, Common Mode, 0.01099 H
SC-030-E150JH-P KEMET-SC-030-E150JH-P Datasheet
162Kb / 1P
KEMET, SC-JH, AC Line Filters, Common Mode, 0.015 H
SC-04-1600 KEMET-SC-04-1600 Datasheet
97Kb / 1P
KEMET, SC, AC Line Filters, Common Mode, 0.016 H
SC22-04-100J KEMET-SC22-04-100J Datasheet
92Kb / 1P
KEMET, SC-J, AC Line Filters, Common Mode, 0.01 H
SC-10-1000 KEMET-SC-10-1000 Datasheet
77Kb / 1P
KEMET, SC, AC Line Filters, Common Mode, 0.01 H
SC-02-E115J KEMET-SC-02-E115J Datasheet
92Kb / 1P
KEMET, SC-J, AC Line Filters, Common Mode, 0.0115 H
SC-08-E1000 KEMET-SC-08-E1000 Datasheet
97Kb / 1P
KEMET, SC, AC Line Filters, Common Mode, 0.01 H
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com