Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC02A Datasheet (PDF) - ON Semiconductor

MC74HC02A Datasheet PDF - ON Semiconductor
Part # MC74HC02A
Download  MC74HC02A Download
File Size   154.77 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad 2-Input NOR Gate

MC74HC02A Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74HC02A Datasheet PDF - ON Semiconductor

Part # MC74HC02A
Download  MC74HC02A Click to download

File Size   154.77 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad 2-Input NOR Gate

MC74HC02A Datasheet (HTML) - ON Semiconductor


MC74HC02A Product details

The MC74HC02A is identical in pinout to the LS02. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LSTTL outputs.



Features

• Output Drive Capability: 10 LSTTL Loads

• Outputs Directly Interface to CMOS, NMOS, and TTL

• Operating Voltage Range: 2.0 to 6.0 V

• Low Input Current: 1.0 A

• High Noise Immunity Characteristic of CMOS Devices

• In Compliance with the Requirements Defined by JEDEC Standard No. 7.0 A

• Chip Complexity: 40 FETs or 10 Equivalent Gates

• Pb−Free Packages are Available




Similar Part No. - MC74HC02A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HC02A MOTOROLA-MC74HC02A Datasheet
98Kb / 7P
QUAD 2-INPUT NOR GATE HIGH-PERFORMANCE SILICON-GATE CMOS
logo
ON Semiconductor
MC74HC02A ONSEMI-MC74HC02A Datasheet
145Kb / 8P
Quad 2?묲nput NOR Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
MC74HC02A ONSEMI-MC74HC02A Datasheet
128Kb / 7P
Quad 2-Input NOR Gate
October, 2013 ??Rev. 14
logo
Motorola, Inc
MC74HC02AD MOTOROLA-MC74HC02AD Datasheet
98Kb / 7P
QUAD 2-INPUT NOR GATE HIGH-PERFORMANCE SILICON-GATE CMOS
logo
ON Semiconductor
MC74HC02AD ONSEMI-MC74HC02AD Datasheet
145Kb / 8P
Quad 2?묲nput NOR Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
More results


Similar Description - MC74HC02A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
Quad 2-Input NOR Gate
logo
ON Semiconductor
MC10102 ONSEMI-MC10102 Datasheet
101Kb / 5P
Quad 2-Input NOR Gate
1996 REV 5
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
Quad 2-input NOR gate
1990 Oct 04
74HC02 PHILIPS-74HC02 Datasheet
28Kb / 5P
Quad 2-input NOR gate
December 1990
logo
STMicroelectronics
74VHC02 STMICROELECTRONICS-74VHC02 Datasheet
164Kb / 8P
QUAD 2-INPUT NOR GATE
Jun-2001
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02 Datasheet
80Kb / 7P
Quad 2-Input NOR Gate
74F02 FAIRCHILD-74F02 Datasheet
47Kb / 4P
Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
Quad 2-Input NOR Gate
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
Quad 2 Input NOR Gate
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com