Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBC9-680-152 Datasheet (PDF) - Kemet Corporation

SBC9-680-152 Datasheet PDF - Kemet Corporation
Part # SBC9-680-152
Download  SBC9-680-152 Download
File Size   77.48 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description KEMET, SBC9, Power, 68 uH, 10%, 8.5mm

SBC9-680-152 Datasheet (PDF)

Go To PDF Page Download Datasheet
SBC9-680-152 Datasheet PDF - Kemet Corporation

Part # SBC9-680-152
Download  SBC9-680-152 Click to download

File Size   77.48 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description KEMET, SBC9, Power, 68 uH, 10%, 8.5mm

SBC9-680-152 Datasheet (HTML) - Kemet Corporation


SBC9-680-152 Product details

Overview
Ferrite power inductors are useful in various fields and suitable for DC/DC converters and noise filters.

Benefits
• Drum core construction
• Nickel-zinc (NiZn) ferrite core
• Magnetic non-shield type
• Operating temperature range of up to +105°C
• RoHS compliant

Applications
   Typical applications include LED lighting, xDSL modems, copying machines, flat TVs, smart meters, and power supplies.




Similar Part No. - SBC9-680-152

ManufacturerPart #DatasheetDescription
logo
NEC
SBC9-680-152 NEC-SBC9-680-152 Datasheet
2Mb / 104P
Power Inductors
logo
Kemet Corporation
SBC9-680-152 KEMET-SBC9-680-152 Datasheet
509Kb / 12P
Conformally Coated SBC Coils
More results


Similar Description - SBC9-680-152

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SBC9-152-341 KEMET-SBC9-152-341 Datasheet
77Kb / 1P
KEMET, SBC9, Power, 1500 uH, 10%, 7.5mm
SBC9-332-221 KEMET-SBC9-332-221 Datasheet
76Kb / 1P
KEMET, SBC9, Power, 3300 uH, 10%, 7.5mm
SBC9-470-202 KEMET-SBC9-470-202 Datasheet
77Kb / 1P
KEMET, SBC9, Power, 47 uH, 10%, 8.5mm
SBC9-102-451 KEMET-SBC9-102-451 Datasheet
77Kb / 1P
KEMET, SBC9, Power, 1000 uH, 10%, 7.5mm
SBC9-150-362 KEMET-SBC9-150-362 Datasheet
77Kb / 1P
KEMET, SBC9, Power, 15 uH, 20%, 8.5mm
SBC9-222-271 KEMET-SBC9-222-271 Datasheet
77Kb / 1P
KEMET, SBC9, Power, 2200 uH, 10%, 7.5mm
SBC9-101-122 KEMET-SBC9-101-122 Datasheet
76Kb / 1P
KEMET, SBC9, Power, 100 uH, 10%, 8.5mm
SBC6-331-871 KEMET-SBC6-331-871 Datasheet
77Kb / 1P
KEMET, SBC6, Power, 330 uH, 10%, 8.5mm
SBC9-100-422 KEMET-SBC9-100-422 Datasheet
77Kb / 1P
KEMET, SBC9, Power, 10 uH, 20%, 8.5mm
SBC9-221-821 KEMET-SBC9-221-821 Datasheet
77Kb / 1P
KEMET, SBC9, Power, 220 uH, 10%, 8.5mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com