Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL1608-FSL1N2S Datasheet (PDF) - NXP Semiconductors

LL1608-FSL1N2S Datasheet PDF - NXP Semiconductors
Part # LL1608-FSL1N2S
Download  LL1608-FSL1N2S Download
File Size   1355.33 Kbytes
Page   28 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Heterojunction Bipolar Transistor Technology (InGaP HBT)

LL1608-FSL1N2S Datasheet (PDF)

Go To PDF Page Download Datasheet
LL1608-FSL1N2S Datasheet PDF - NXP Semiconductors

Part # LL1608-FSL1N2S
Download  LL1608-FSL1N2S Click to download

File Size   1355.33 Kbytes
Page   28 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Heterojunction Bipolar Transistor Technology (InGaP HBT)

LL1608-FSL1N2S Datasheet (HTML) - NXP Semiconductors


LL1608-FSL1N2S Product details

Heterojunction Bipolar Transistor Technology (InGaP HBT)
High Efficiency/Linearity Amplifier

The MMZ09312B is a 2-- stage high efficiency, Class AB InGaP HBT amplifier designed for use as a linear driver amplifier in wireless base station applications as well as an output stage in femtocell or repeater applications. It is suitable for applications with frequencies from 400 to 1000 MHz such as CDMA, GSM, LTE and ZigBeeR at operating voltages from 3 to 5 Volts.

• Typical Performance: VCC1 = VCC2 = VBIAS = 5 Vdc, ICQ = 74 mA

Features
• Frequency: 400-1000 MHz
• P1dB: 29.6 dBm @ 900 MHz
• Power Gain: 31.7 dB @ 900 MHz
• OIP3: 42 dBm @ 900 MHz
• Active Bias Control (adjustable externally)
• Single 3 to 5 V Supply
• Performs Well with Digital Predistortion Systems
• Single-ended Power Detector
• Cost-effective 12-pin, 3 mm QFN Surface Mount Package
• In Tape and Reel. T1 Suffix = 1,000 Units, 12 mm Tape Width, 7-inch Reel.




Similar Part No. - LL1608-FSL1N2S

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL1608-FSL1N2S TOKO-LL1608-FSL1N2S Datasheet
377Kb / 2P
Multilayer Chip Inductors
LL1608-FSL1N2S TOKO-LL1608-FSL1N2S Datasheet
262Kb / 2P
Multilayer Chip Inductors
More results


Similar Description - LL1608-FSL1N2S

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3001NT1 FREESCALE-MMG3001NT1 Datasheet
297Kb / 15P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3014NT1 FREESCALE-MMG3014NT1 Datasheet
356Kb / 17P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3003NT1 FREESCALE-MMG3003NT1_08 Datasheet
410Kb / 18P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMG3005NT1 NXP-MMG3005NT1 Datasheet
456Kb / 20P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
MMG3006NT1 NXP-MMG3006NT1 Datasheet
478Kb / 24P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 6, 12/2017
MMG3012NT1 NXP-MMG3012NT1 Datasheet
423Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 8, 9/2014
MMG3H21NT1 NXP-MMG3H21NT1 Datasheet
367Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 3, 9/2014
MMG3001NT1 NXP-MMG3001NT1 Datasheet
388Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
MMG3015NT1 NXP-MMG3015NT1 Datasheet
389Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 4, 9/2014
MMZ25332B NXP-MMZ25332B Datasheet
640Kb / 19P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com