Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2070 Datasheet (PDF) - Intersil Corporation

EL2070 Datasheet PDF - Intersil Corporation
Part # EL2070
Download  EL2070 Download
File Size   329.25 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 200MHz Current Feedback Amplifier

EL2070 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL2070 Datasheet PDF - Intersil Corporation

Part # EL2070
Download  EL2070 Click to download

File Size   329.25 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 200MHz Current Feedback Amplifier

EL2070 Datasheet (HTML) - Intersil Corporation


EL2070 Product details

The EL2070 is a wide bandwidth, fast settling monolithic amplifier incorporating a disable/enable feature. Built using an advanced complementary bipolar process, this amplifier uses current-mode feedback to achieve more bandwidth at a given gain than conventional operational amplifiers. Designed for closed-loop gains of ±1 to ±8, the EL2070 has a 200MHz -3dB bandwidth (AV = +2), and 12ns settling to 0.05% while consuming only 15mA of supply current. Furthermore, the fast disable/enable times of 200ns/100ns allow rapid analog multiplexing.

Features
• 200MHz -3dB bandwidth, AV = 2
• Disable/enable
• 12ns settling to 0.05%
• VS = ±5V @ 15mA
• Low distortion: HD2, HD3 @-60dBc at 20MHz
• Differential gain 0.02% at NTSC, PAL
• Differential phase 0.01° at NTSC, PAL
• Overload/short-circuit protected
• ±1 to ±8 closed-loop gain range
• Low cost

Applications
• Video gain block
• Video distribution
• HDTV amplifier
• Analog multiplexing (using disable)
• Power-down mode (using disable)
• High-speed A/D conversion
• D/A I-V conversion
• Photodiode, CCD preamps
• IF processors
• High-speed communications




Similar Part No. - EL2070

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2070C ELANTEC-EL2070C Datasheet
467Kb / 14P
200MHz Current Feedback Amplifier
EL2070CN ELANTEC-EL2070CN Datasheet
467Kb / 14P
200MHz Current Feedback Amplifier
EL2070CS ELANTEC-EL2070CS Datasheet
467Kb / 14P
200MHz Current Feedback Amplifier
More results


Similar Description - EL2070

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2070C ELANTEC-EL2070C Datasheet
467Kb / 14P
200MHz Current Feedback Amplifier
EL2160C ELANTEC-EL2160C Datasheet
566Kb / 18P
180MHz Current Feedback Amplifier
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
200MHz Current Feedback Amplifier
logo
Intersil Corporation
EL5160 INTERSIL-EL5160 Datasheet
941Kb / 15P
200MHz Low-Power Current Feedback Amplifiers
September 8, 2005
EL400 INTERSIL-EL400 Datasheet
259Kb / 9P
200MHz Current Feedback Amplifier
September 20, 2002
EL5160 INTERSIL-EL5160_07 Datasheet
538Kb / 17P
200MHz Low-Power Current Feedback Amplifiers
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
Current Feedback Amplifier
23-Feb-2017
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
Current Feedback Amplifier
24-Feb-2017
logo
Renesas Technology Corp
EL5160 RENESAS-EL5160 Datasheet
1Mb / 17P
200MHz Low-Power Current Feedback Amplifiers
EL400 RENESAS-EL400 Datasheet
725Kb / 9P
200MHz Current Feedback Amplifier
Sep 20, 2002
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com