Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2072 Datasheet (PDF) - Intersil Corporation

EL2072 Datasheet PDF - Intersil Corporation
Part # EL2072
Download  EL2072 Download
File Size   96.36 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 730MHz Closed Loop Buffer

EL2072 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL2072 Datasheet PDF - Intersil Corporation

Part # EL2072
Download  EL2072 Click to download

File Size   96.36 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 730MHz Closed Loop Buffer

EL2072 Datasheet (HTML) - Intersil Corporation


EL2072 Product details

The EL2072 is a wide bandwidth, fast settling monolithic buffer built using an advanced complementary bipolar process. This buffer is closed loop to achieve lower output impedance and higher gain accuracy. Designed for closedloop unity gain, the EL2072 has a 730MHz -3dB bandwidth and 5ns settling to 0.2% while consuming only 15mA of supply current.

Features
• 730MHz -3dB bandwidth (0.5VPP)
• 5ns settling to 0.2%
• VS = ±5V @ 15mA
• Low distortion: HD2, HD3 of -65dBc at 20MHz
• Overload/short-circuit protected
• Closed-loop, unity gain
• Low cost
• Direct replacement for CLC110

Applications
• Video buffer
• Video distribution
• HDTV buffer
• High-speed A/D buffer
• Photodiode, CCD preamps
• IF processors
• High-speed communications




Similar Part No. - EL2072

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2072C ELANTEC-EL2072C Datasheet
219Kb / 8P
730 MHz Closed Loop Buffer
EL2072CN ELANTEC-EL2072CN Datasheet
219Kb / 8P
730 MHz Closed Loop Buffer
EL2072CS ELANTEC-EL2072CS Datasheet
219Kb / 8P
730 MHz Closed Loop Buffer
More results


Similar Description - EL2072

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC115 NSC-CLC115 Datasheet
350Kb / 6P
Quad, Closed-Loop Monolithic Buffer
LMH6559 NSC-LMH6559 Datasheet
1Mb / 22P
High-Speed, Closed-Loop Buffer
logo
Analog Devices
BUF04 AD-BUF04 Datasheet
437Kb / 16P
Closed-Loop High Speed Buffer
07-Mar-2093
logo
Elantec Semiconductor
EL2072C ELANTEC-EL2072C Datasheet
219Kb / 8P
730 MHz Closed Loop Buffer
logo
National Semiconductor ...
LH4003 NSC-LH4003 Datasheet
184Kb / 6P
Precision RF Closed Loop Buffer
LH4006 NSC-LH4006 Datasheet
180Kb / 6P
Precision RF Closed Loop Buffer
LMH6559 NSC-LMH6559_06 Datasheet
1Mb / 22P
High-Speed, Closed-Loop Buffer
logo
Texas Instruments
BUF602IDBVTG4 TI-BUF602IDBVTG4 Datasheet
955Kb / 27P
High-Speed, Closed-Loop Buffer
logo
Analog Devices
BUF04 AD-BUF04_15 Datasheet
365Kb / 16P
Closed-Loop High Speed Buffer
REV. 0
logo
Texas Instruments
LMH6559 TI1-LMH6559 Datasheet
1Mb / 36P
High-Speed, Closed-Loop Buffer
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com