Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2090 Datasheet (PDF) - Intersil Corporation

EL2090 Datasheet PDF - Intersil Corporation
Part # EL2090
Download  EL2090 Download
File Size   149.27 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 100MHz DC-Restored Video Amplifier

EL2090 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL2090 Datasheet PDF - Intersil Corporation

Part # EL2090
Download  EL2090 Click to download

File Size   149.27 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 100MHz DC-Restored Video Amplifier

EL2090 Datasheet (HTML) - Intersil Corporation


EL2090 Product details

The EL2090 is the first complete DC restored monolithic video amplifier sub-system. It contains a very highquality video amplifier and a nulling sample-and-hold amplifier specifically designed to stabilize video performance. When the HOLD logic input is set to a logic 0 during a horizontal sync, the sample-and-hold amplifier may be used as a general-purpose op-amp to null the DC offset of the video amplifier. When the HOLD input goes to a logic 1 the sample-and-hold stores the correction voltage on the hold capacitor to maintain DC correction during the subsequent scan line.

Features
• Complete video level restoration system
• 0.01% differential gain and 0.02° differential phase accuracy at NTSC
• 100MHz bandwidth
• 0.1dB flatness to 20MHz
• Sample-and-hold has 15nA typical leakage and 1.5pC charge injection
• System can acquire DC correction level in 10µs, or 5 scan lines of 2µs each, to 1/2 IRE
• VS = ±5V to ±15V
• TTL/CMOS hold signal

Applications
• Input amplifier in video equipment
• Restoration amplifier in video mixers




Similar Part No. - EL2090

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2090C ELANTEC-EL2090C Datasheet
260Kb / 12P
100 MHz DC-Restored Video Amplifier
EL2090CM ELANTEC-EL2090CM Datasheet
260Kb / 12P
100 MHz DC-Restored Video Amplifier
EL2090CN ELANTEC-EL2090CN Datasheet
260Kb / 12P
100 MHz DC-Restored Video Amplifier
More results


Similar Description - EL2090

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2090C ELANTEC-EL2090C Datasheet
260Kb / 12P
100 MHz DC-Restored Video Amplifier
EL4089C ELANTEC-EL4089C Datasheet
211Kb / 8P
DC Restored Video Amplifier
EL4093C ELANTEC-EL4093C Datasheet
342Kb / 16P
300 MHz DC-Restored Video Amplifier
logo
Intersil Corporation
EL4089 INTERSIL-EL4089 Datasheet
129Kb / 9P
DC Restored Video Amplifier
July 1998
EL4093 INTERSIL-EL4093 Datasheet
379Kb / 12P
300MHz DC-Restored Video Amplifier
January 1996
ISL4089 INTERSIL-ISL4089_06 Datasheet
344Kb / 9P
DC-Restored Video Amplifier
June 28, 2006
ISL59451 INTERSIL-ISL59451 Datasheet
1Mb / 17P
Triple 4:1 DC Restored Single Supply Video Multiplexing Amplifier
logo
Renesas Technology Corp
ISL4089 RENESAS-ISL4089 Datasheet
608Kb / 10P
DC-Restored Video Amplifier
EL4093 RENESAS-EL4093 Datasheet
878Kb / 12P
300MHz DC-Restored Video Amplifier
EL4089 RENESAS-EL4089 Datasheet
579Kb / 9P
DC Restored Video Amplifier
July 1998
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com