Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2099 Datasheet (PDF) - Intersil Corporation

EL2099 Datasheet PDF - Intersil Corporation
Part # EL2099
Download  EL2099 Download
File Size   245.64 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Video Distribution Amplifier

EL2099 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL2099 Datasheet PDF - Intersil Corporation

Part # EL2099
Download  EL2099 Click to download

File Size   245.64 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Video Distribution Amplifier

EL2099 Datasheet (HTML) - Intersil Corporation


EL2099 Product details

The EL2099 is a high speed, monolithic operational amplifier* featuring excellent video performance and high output current capability. Built using Elantecs Complementary Bipolar process, the EL2099 uses current mode feedback to achieve wide bandwidth, and is stable in unity gain configuration.

Features
• 50MHz -3dB bandwidth, AV = +2
• Differential gain 0.03%
• Differential phase 0.05°
• Output short circuit current 800mA
• Can drive six 75Ω double terminated cables ±11V
• Slew rate = 1000V/µs
• Wide supply voltage range ±5V to ±15V

Applications
• Video line driver
• ATE pin driver
• High speed data acquisition




Similar Part No. - EL2099

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2099C ELANTEC-EL2099C Datasheet
355Kb / 16P
Video Distribution Amplifier
EL2099CT ELANTEC-EL2099CT Datasheet
355Kb / 16P
Video Distribution Amplifier
More results


Similar Description - EL2099

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM592 NJRC-NJM592 Datasheet
193Kb / 7P
VIDEO AMPLIFIER
logo
NXP Semiconductors
NE592 PHILIPS-NE592 Datasheet
141Kb / 8P
Video amplifier
April 15, 1992
logo
Elantec Semiconductor
EL2099C ELANTEC-EL2099C Datasheet
355Kb / 16P
Video Distribution Amplifier
logo
Intersil Corporation
EL8108 INTERSIL-EL8108 Datasheet
597Kb / 12P
Video Distribution Amplifier
June 7, 2004
5962-0721201QXC INTERSIL-5962-0721201QXC Datasheet
229Kb / 10P
Video Distribution Amplifier
November 1, 2007
EL8108 INTERSIL-EL8108_08 Datasheet
281Kb / 14P
Video Distribution Amplifier
January 29, 2008
logo
Agamem Microelectronic ...
AA8630 AGAMEM-AA8630 Datasheet
153Kb / 6P
VIDEO AMPLIFIER
AA8500 AGAMEM-AA8500 Datasheet
41Kb / 1P
VIDEO AMPLIFIER
logo
ON Semiconductor
NE592 ONSEMI-NE592_16 Datasheet
102Kb / 10P
Video Amplifier
March, 2016 ??Rev. 5
logo
Renesas Technology Corp
EL8108 RENESAS-EL8108 Datasheet
677Kb / 14P
Video Distribution Amplifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com