Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2111CS Datasheet (PDF) - Intersil Corporation

EL2111CS Datasheet PDF - Intersil Corporation
Part # EL2111CS
Download  EL2111CS Download
File Size   102.1 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Cost, Gain of 2, Video Op Amp

EL2111CS Datasheet (PDF)

Go To PDF Page Download Datasheet
EL2111CS Datasheet PDF - Intersil Corporation

Part # EL2111CS
Download  EL2111CS Click to download

File Size   102.1 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Cost, Gain of 2, Video Op Amp

EL2111CS Datasheet (HTML) - Intersil Corporation


EL2111CS Product details

The EL2111 operational amplifier, built using Elantec’s complementary bipolar process, offers unprecedented high frequency performance at a very low cost. It is suitable for any application, such as consumer video, where traditional DC performance specifications are of secondary importance to the high frequency specifications. On a 5V supply at a gain of +2 the EL2111 will drive a 150Ω load to +2V, with a bandwidth of 100MHz. This device achieves 0.1dB bandwidth at 5MHz.

Features
• Optimized for 5V operation
• Stable at gain of 2
• 100MHz gain bandwidth product
• 130V/µs slew rate
• Drives 150Ω load to video levels
• Input and outputs operate at negative supply rail

Applications
• Consumer video amplifier
• Active filters/integrators
• Cost sensitive applications
• Single supply amplifiers




Similar Part No. - EL2111CS

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL211 EVERLIGHT-EL211 Datasheet
701Kb / 12P
8 PIN SOP PHOTOTRANSISTOR
EL211 EVERLIGHT-EL211 Datasheet
734Kb / 12P
8 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
June 10, 2014
EL211(TA)-V EVERLIGHT-EL211(TA)-V Datasheet
701Kb / 12P
8 PIN SOP PHOTOTRANSISTOR
EL211(TB)-V EVERLIGHT-EL211(TB)-V Datasheet
701Kb / 12P
8 PIN SOP PHOTOTRANSISTOR
logo
Intersil Corporation
EL2110 INTERSIL-EL2110 Datasheet
102Kb / 6P
Low Cost, Gain of 1, Video Op Amp
November 14, 2002
More results


Similar Description - EL2111CS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD818 AD-AD818 Datasheet
353Kb / 12P
Low Cost, Low Power Video Op Amp
logo
Elantec Semiconductor
EL2245C ELANTEC-EL2245C Datasheet
450Kb / 14P
Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
logo
National Semiconductor ...
LH0042 NSC-LH0042 Datasheet
204Kb / 12P
Low Cost FET Op Amp
logo
Intersil Corporation
EL2445 INTERSIL-EL2445 Datasheet
244Kb / 12P
Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
March 27, 2002
EL2110 INTERSIL-EL2110 Datasheet
102Kb / 6P
Low Cost, Gain of 1, Video Op Amp
November 14, 2002
logo
Analog Devices
ADA4862-3 AD-ADA4862-3 Datasheet
381Kb / 16P
High Speed, G = 2, Low Cost, Triple Op Amp
8/05-Rev. 0 to Rev. A
AD818 AD-AD818_03 Datasheet
924Kb / 16P
Low Cost, Low Power Video Op Amp
REV. C
AD818 AD-AD818_10 Datasheet
563Kb / 15P
Low Cost, Low Power Video Op Amp
REV. D
AD818 AD-AD818_15 Datasheet
563Kb / 15P
Low Cost, Low Power Video Op Amp
REV. D
ADA4862-3 AD-ADA4862-3_15 Datasheet
484Kb / 17P
Low Cost, Triple Op Amp
REV. A
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com