Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC4046 Datasheet (PDF) - ON Semiconductor

74HC4046 Datasheet PDF - ON Semiconductor
Part # 74HC4046
Download  74HC4046 Download
File Size   290.13 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Phase-Locked Loop

74HC4046 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC4046 Datasheet PDF - ON Semiconductor

Part # 74HC4046
Download  74HC4046 Click to download

File Size   290.13 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Phase-Locked Loop

74HC4046 Datasheet (HTML) - ON Semiconductor


74HC4046 Product details

Phase−Locked Loop

High−Performance Silicon−Gate CMOS



The MC74HC4046A is similar in function to the MC14046 Metal gate CMOS device. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LSTTL outputs.



Features

• Output Drive Capability: 10 LSTTL Loads

• Low Power Consumption Characteristic of CMOS Devices

• Operating Speeds Similar to LSTTL

• Wide Operating Voltage Range: 3.0 to 6.0 V

• Low Input Current: 1.0 μA Maximum (except SIGIN and COMPIN)

• In Compliance with the Requirements Defined by JEDEC Standard No. 7A

• Low Quiescent Current: 80 μA Maximum (VCO disabled)

• High Noise Immunity Characteristic of CMOS Devices

• Diode Protection on all Inputs

• Chip Complexity: 279 FETs or 70 Equivalent Gates

• Pb−Free Packages are Available*



 




Similar Part No. - 74HC4046

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4046 PHILIPS-74HC4046 Datasheet
467Kb / 34P
Phase-locked-loop with VCO
1997 Nov 25
logo
System Logic Semiconduc...
74HC4046 SLS-74HC4046 Datasheet
134Kb / 12P
Phase-Locked Loop
logo
Fairchild Semiconductor
74HC4046 FAIRCHILD-74HC4046 Datasheet
250Kb / 17P
CMOS Phase Lock Loop
logo
NXP Semiconductors
74HC4046A PHILIPS-74HC4046A Datasheet
467Kb / 34P
Phase-locked-loop with VCO
1997 Nov 25
logo
Nexperia B.V. All right...
74HC4046A NEXPERIA-74HC4046A Datasheet
671Kb / 36P
Phase-locked loop with VCO
Rev. 4 - 6 August 2019
More results


Similar Description - 74HC4046

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
PHASE LOCKED LOOP
logo
Integral Corp.
IN74HC4046A INTEGRAL-IN74HC4046A Datasheet
241Kb / 11P
PHASE-LOCKED LOOP
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
PHASE LOCKED LOOP
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
PHASE LOCKED LOOP
PSA3180C ZCOMM-PSA3180C Datasheet
93Kb / 2P
PHASE LOCKED LOOP
PSA5000A ZCOMM-PSA5000A Datasheet
75Kb / 2P
PHASE LOCKED LOOP
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com