Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSP08EMA32D Datasheet (PDF) - Schneider Electric

SSP08EMA32D Datasheet PDF - Schneider Electric
Part # SSP08EMA32D
Download  SSP08EMA32D Download
File Size   128.3 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Surge Protect - EMA - 320kA - 600Y/347VAC - 3P4W - T1 - SW

SSP08EMA32D Datasheet (PDF)

Go To PDF Page Download Datasheet
SSP08EMA32D Datasheet PDF - Schneider Electric

Part # SSP08EMA32D
Download  SSP08EMA32D Click to download

File Size   128.3 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Surge Protect - EMA - 320kA - 600Y/347VAC - 3P4W - T1 - SW

SSP08EMA32D Datasheet (HTML) - Schneider Electric




Similar Part No. - SSP08EMA32D

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SSP08EMA32DF SCHNEIDER-SSP08EMA32DF Datasheet
128Kb / 2P
Surge Protect - EMA - 320kA - 600Y/347VAC - 3P4W - T1 - SW - sine mod
More results


Similar Description - SSP08EMA32D

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SSP08EMA12D SCHNEIDER-SSP08EMA12D Datasheet
128Kb / 2P
Surge Protect - EMA - 120kA - 600Y/347VAC - 3P4W - T1 - SW
Apr 10, 2020
SSP08EMA16D SCHNEIDER-SSP08EMA16D Datasheet
128Kb / 2P
Surge Protect - EMA - 160kA - 600Y/347VAC - 3P4W - T1 - SW
Apr 10, 2020
SSP08EMA24D SCHNEIDER-SSP08EMA24D Datasheet
128Kb / 2P
Surge Protect - EMA - 240kA - 600Y/347VAC - 3P4W - T1 - SW
Apr 10, 2020
SSP08EMA32 SCHNEIDER-SSP08EMA32 Datasheet
128Kb / 2P
Surge Protect - EMA - 320kA - 600Y/347VAC - 3P4W - T1
SSP08EMA32DF SCHNEIDER-SSP08EMA32DF Datasheet
128Kb / 2P
Surge Protect - EMA - 320kA - 600Y/347VAC - 3P4W - T1 - SW - sine mod
SSP08EMA32F SCHNEIDER-SSP08EMA32F Datasheet
128Kb / 2P
Surge Protect - EMA - 320kA - 600Y/347VAC - 3P4W - T1 - sine mod
SSP08EMA32S SCHNEIDER-SSP08EMA32S Datasheet
118Kb / 2P
Surge Protect - EMA - 320kA - 600Y/347VAC - 3P4W - T4X
SSP08EMA32SD SCHNEIDER-SSP08EMA32SD Datasheet
118Kb / 2P
Surge Protect - EMA - 320kA - 600Y/347VAC - 3P4W - T4X - SW
SSP08EMA32SDF SCHNEIDER-SSP08EMA32SDF Datasheet
118Kb / 2P
Surge Protect - EMA - 320kA - 600Y/347VAC - 3P4W - T4X - SW - sine mod
SSP08EMA48D SCHNEIDER-SSP08EMA48D Datasheet
128Kb / 2P
Surge Protect - EMA - 480kA - 600Y/347VAC - 3P4W - T1 - SW
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com