Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HL4IMA12C Datasheet (PDF) - Schneider Electric

HL4IMA12C Datasheet PDF - Schneider Electric
Part # HL4IMA12C
Download  HL4IMA12C Download
File Size   132.99 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Surge Protect - IMA - HL - 120kA - 480Y/277VAC - 3P4W - T2

HL4IMA12C Datasheet (PDF)

Go To PDF Page Download Datasheet
HL4IMA12C Datasheet PDF - Schneider Electric

Part # HL4IMA12C
Download  HL4IMA12C Click to download

File Size   132.99 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Surge Protect - IMA - HL - 120kA - 480Y/277VAC - 3P4W - T2

HL4IMA12C Datasheet (HTML) - Schneider Electric




Similar Part No. - HL4IMA12C

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HL4IMA12C1 SCHNEIDER-HL4IMA12C1 Datasheet
152Kb / 2P
Surge Protect - IMA - HL - 120kA - 480Y/277VAC - 3P4W - T1
More results


Similar Description - HL4IMA12C

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HL2IMA12C SCHNEIDER-HL2IMA12C Datasheet
78Kb / 2P
Surge Protect - IMA - HL - 120kA - 208Y/120VAC - 3P4W - T2
Apr 16, 2020
HL4IMA12C1 SCHNEIDER-HL4IMA12C1 Datasheet
152Kb / 2P
Surge Protect - IMA - HL - 120kA - 480Y/277VAC - 3P4W - T1
HL4IMA16C SCHNEIDER-HL4IMA16C Datasheet
165Kb / 2P
Surge Protect - IMA - HL - 160kA - 480Y/277VAC - 3P4W - T2
HL4IMA16C1 SCHNEIDER-HL4IMA16C1 Datasheet
159Kb / 2P
Surge Protect - IMA - HL - 160kA - 480Y/277VAC - 3P4W - T1
HL4IMA24C SCHNEIDER-HL4IMA24C Datasheet
132Kb / 2P
Surge Protect - IMA - HL - 240kA - 480Y/277VAC - 3P4W - T2
HL4IMA24C1 SCHNEIDER-HL4IMA24C1 Datasheet
148Kb / 2P
Surge Protect - IMA - HL - 240kA - 480Y/277VAC - 3P4W - T1
HR4IMA12C SCHNEIDER-HR4IMA12C Datasheet
153Kb / 2P
Surge Protect - IMA - HR - 120kA - 480Y/277VAC - 3P4W - T2
TVS4HIMA16O SCHNEIDER-TVS4HIMA16O Datasheet
94Kb / 2P
Surge Protect - IMA - 160kA - 480Y/277VAC - 3P4W - T2
May 15, 2020
TVS4HIMA24O SCHNEIDER-TVS4HIMA24O Datasheet
95Kb / 2P
Surge Protect - IMA - 240kA - 480Y/277VAC - 3P4W - T2
May 15, 2020
TVS4IMA12O1 SCHNEIDER-TVS4IMA12O1 Datasheet
101Kb / 2P
Surge Protect - IMA - 120kA - 480Y/277VAC - 3P4W - T1
May 15, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com