| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
FXPS7400A4
|
452Kb / 24P |
Analog absolute pressure sensor, 20 kPA to 400 kPA
Rev. 5 - 29 July 2022 |
|
FXPS7400D4
|
898Kb / 75P |
Digital absolute pressure sensor, 20 kPa to 400 kPa
Rev. 6 - 6 June 2022 |
|
FXPS7400A4S
|
546Kb / 24P |
Analog absolute pressure sensor, 20 kPA to 400 kPA
Rev. 1-9 August 2022 |
|
FXPS7400D4S
|
1Mb / 73P |
Digital absolute pressure sensor, 20 kPa to 400 kPa
Rev. 1-9 August 2022 |
|
FXPS7400D4S
|
1Mb / 71P |
Digital absolute pressure sensor, 20 kPa to 400 kPa
Rev. 1.1 - 28 June 2023 |
|
FXPS7400D4
|
1Mb / 71P |
Digital absolute pressure sensor, 20 kPa to 400 kPa
Rev. 6.1 - 28 June 2023 |
|
FXPS7400A4
|
545Kb / 25P |
Analog absolute pressure sensor, 20 kPA to 400 kPA
Rev. 5.1 - 3 November 2023 |
|
FXPS7400D4S
|
1Mb / 71P |
Digital absolute pressure sensor, 20 kPa to 400 kPa
Rev. 1.3 - 3 November 2023 |
|
FXPS7400A4S
|
545Kb / 25P |
Analog absolute pressure sensor, 20 kPA to 400 kPA
Rev. 1.2 - 3 November 2023 |
|
FXPS7400D4
|
1Mb / 71P |
Digital absolute pressure sensor, 20 kPa to 400 kPa
Rev. 6.3 - 3 November 2023 |