Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG839 Datasheet (PDF) - Analog Devices

ADG839 Datasheet PDF - Analog Devices
Part # ADG839
Download  ADG839 Download
File Size   436.59 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.35 ohm CMOS 1.65 V to 3.6 V Single SPDT Switch/2:1 MUX

ADG839 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG839 Datasheet PDF - Analog Devices

Part # ADG839
Download  ADG839 Click to download

File Size   436.59 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.35 ohm CMOS 1.65 V to 3.6 V Single SPDT Switch/2:1 MUX

ADG839 Datasheet (HTML) - Analog Devices


ADG839 Product details

GENERAL DESCRIPTION

The ADG839 isa low voltage CMOS device containing a single pole, double-throw(SPDT) switch. This device offers ultralow onresistanceoflessthan0.6 Ω over the fulltemperature range. The ADG839 isfully specified for 1.8 V,2.5 V,and 3.3 V supply operation.



FEATURES

1.65 Vto 3.6 V operation

Ultralow on resistance:

  0.35 Ω typical

  0.5 Ω max at2.7 V supply

Excellent audio performance, ultralow distortion:

  0.055 Ω typical

  0.09 Ω max RONflatness

High current carrying capability:

  300 mAcontinuous

  500 mApeak current at 3.3 V

Automotive temperature range: –40°Cto +125°C

Rail-to-rail switching operation

Typical power consumption (<0.1 µW)



APPLICATIONS

Cellular phones

PDAs

MP3 players

Power routing

Battery-powered systems

PCMCIA cards

Modems

Audioand videosignal routing

Communication systems




Similar Part No. - ADG839

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG836 AD-ADG836 Datasheet
652Kb / 12P
0.5CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV.0
ADG836L AD-ADG836L Datasheet
418Kb / 16P
0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
5/04-Data Sheet Changed from Rev. 0 to Rev. A
ADG836LYRM AD-ADG836LYRM Datasheet
418Kb / 16P
0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
5/04-Data Sheet Changed from Rev. 0 to Rev. A
ADG836LYRM-REEL AD-ADG836LYRM-REEL Datasheet
418Kb / 16P
0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
5/04-Data Sheet Changed from Rev. 0 to Rev. A
ADG836LYRM-REEL7 AD-ADG836LYRM-REEL7 Datasheet
418Kb / 16P
0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
5/04-Data Sheet Changed from Rev. 0 to Rev. A
More results


Similar Description - ADG839

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG819 AD-ADG819 Datasheet
195Kb / 12P
0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV.0
ADG836 AD-ADG836 Datasheet
652Kb / 12P
0.5CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV.0
ADG804 AD-ADG804 Datasheet
157Kb / 16P
0.5 ohm CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
4/04-Revision 0
ADG836L AD-ADG836L Datasheet
418Kb / 16P
0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
5/04-Data Sheet Changed from Rev. 0 to Rev. A
ADG841 AD-ADG841 Datasheet
552Kb / 16P
0.28 OHM CMOS 1.65 V to 3.6 V Single SPST Switches in SC70
4/05-Revision 0
ADG824 AD-ADG824 Datasheet
360Kb / 16P
0.5 廓 CMOS 1.65 V to 3.6 V Dual SPDT/2:1 Mux in Mini LFCSP Package
REV. 0
EVAL-ADG824 AD-EVAL-ADG824 Datasheet
228Kb / 8P
Evaluation Board for ADG824, 0.5 廓 CMOS, 1.65 V to 3.6 V, Dual SPDT/2:1 Mux in Mini LFCSP
REV. 0
ADG749BKSZ-REEL7 AD-ADG749BKSZ-REEL7 Datasheet
299Kb / 12P
CMOS 1.8 V to 5.5 V, 2.5 ohm 2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG836 AD-ADG836_15 Datasheet
563Kb / 16P
CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836L AD-ADG836L_15 Datasheet
419Kb / 16P
CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com