Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9275 Datasheet (PDF) - Maxim Integrated Products

MAX9275 Datasheet PDF - Maxim Integrated Products
Part # MAX9275
Download  MAX9275 Download
File Size   2278.07 Kbytes
Page   69 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.12Gbps GMSL Serializers for Coax or STP Output Drive and Parallel Input

MAX9275 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9275 Datasheet PDF - Maxim Integrated Products

Part # MAX9275
Download  MAX9275 Click to download

File Size   2278.07 Kbytes
Page   69 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.12Gbps GMSL Serializers for Coax or STP Output Drive and Parallel Input

MAX9275 Datasheet (HTML) - Maxim Integrated Products


MAX9275 Product details

General Description
The MAX9275/MAX9279 are 3.12Gbps Gigabit Multimedia Serial Link (GMSL) serializers with parallel LVCMOS inputs and a CML serial output programmable for 50Ω coax or 100Ω shielded twisted pair (STP) cable drive. The MAX9279 has HDCP content protection but otherwise is the same as the MAX9275. The serializers pair with any GMSL deserializer capable of coax input. When programmed for STP output they are backward compatible with any GMSL deserializer. The output amplitude is programmable 100mV to 500mV, single-ended (coax) or 100mV to 400mV differential (STP).

Benefits and Features
● Ideal for High-Definition Video Applications
   • Drives Low-Cost 50Ω Coax Cable and FAKRA
      Connectors or 100Ω STP
   • 104MHz High-Bandwidth Mode Supports
      1920x720p/60Hz Display With 24-Bit Color
   • Serializer Pre/Deemphasis Allows 15m Cable at
      Full Speed
   • Up to 192kHz Sample Rate And 32-Bit Sample
      Depth For 7.1 Channel HD Audio
● Multiple Data Rates for System Flexibility
   • Up to 3.12Gbps Serial-Bit Rate
   • 6.25MHz to 104MHz Pixel Clock
   • 9.6kbps to 1Mbps Control Channel in UART, Mixed
      UART/I2C, or I2C Mode with Clock Stretch
      Capability
● Reduces EMI and Shielding Requirements
   • Serial Output Programmable for 100mV to 500mv
   Single-Ended or 100mV to 400mV Differential
   • Programmable Spread Spectrum Reduces EMI
   • Bypassable Input PLL for Parallel Clock Jitter
      Attenuation
   • Tracks Spread Spectrum on Input
   • High-Immunity Mode for Maximum ControlChannel Noise Rejection
● Peripheral Features for System Power-Up and
   Verification
   • Built-In PRBS Generator for BER Testing of the
      Serial Link
   • Dedicated “Up/Down” GPO for Touch-Screen
      Interrupt and Other Uses
   • Remote/Local Wake-Up from Sleep Mode
● Meets Rigorous Automotive and Industrial
   Requirements
   • -40°C to +105°C Operating Temperature
   • ±8kV Contact and ±15kV Air ISO 10605 and IEC
      61000-4-2 ESD Protection

Applications
● High-Resolution Automotive Navigation
● Rear-Seat Infotainment
● Megapixel Camera Systems




Similar Part No. - MAX9275

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9275 MAXIM-MAX9275 Datasheet
3Mb / 33P
Fully Assembled and Tested
Rev 1; 2/16
MAX9275COAXEVKIT MAXIM-MAX9275COAXEVKIT Datasheet
3Mb / 33P
Fully Assembled and Tested
Rev 1; 2/16
More results


Similar Description - MAX9275

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9271 MAXIM-MAX9271 Datasheet
3Mb / 49P
16-Bit GMSL Serializer with Coax or STP Cable Drive
Rev 0; 7/12
MAX9271 MAXIM-MAX9271_14 Datasheet
1Mb / 49P
16-Bit GMSL Serializer with Coax or STP Cable Drive
Rev 1; 11/12
MAX9278A MAXIM-MAX9278A Datasheet
1Mb / 75P
3.12Gbps GMSL Deserializers for Coax or STP Input and LVDS Output
Rev 0; 1/16
MAX9291 MAXIM-MAX9291 Datasheet
1Mb / 86P
3.12Gbps GMSL Serializers for Coax or STP Output and HDMI Input
Rev 3; 2/18
MAX9288 MAXIM-MAX9288 Datasheet
2Mb / 103P
3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
Rev 4; 3/18
MAX96706 MAXIM-MAX96706_V01 Datasheet
1Mb / 73P
14-Bit GMSL Deserializer with Coax or STP Cable Input
19-8248; Rev 2; 11/18
MAX9273 MAXIM-MAX9273_V01 Datasheet
2Mb / 49P
22-Bit GMSL Serializer with Coax or STP Cable Drive
19-6384; Rev 1; 11/12
MAX9276A MAXIM-MAX9276A Datasheet
2Mb / 71P
3.12Gbps GMSL Deserializers for Coax or STP Input and Parallel Output
2018
MAX9288 MAXIM-MAX9288_V01 Datasheet
2Mb / 103P
3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
2019
MAX9276 MAXIM-MAX9276_V01 Datasheet
2Mb / 70P
3.12Gbps GMSL Deserializers for Coax or STP Input and Parallel Output
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com