Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHC08 Datasheet (PDF) - Motorola, Inc

MC74VHC08 Datasheet PDF - Motorola, Inc
Part # MC74VHC08
Download  MC74VHC08 Download
File Size   137.5 Kbytes
Page   5 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Quad 2-Input AND Gate

MC74VHC08 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74VHC08 Datasheet PDF - Motorola, Inc

Part # MC74VHC08
Download  MC74VHC08 Click to download

File Size   137.5 Kbytes
Page   5 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Quad 2-Input AND Gate

MC74VHC08 Datasheet (HTML) - Motorola, Inc


MC74VHC08 Product details

Quad 2-Input AND Gate



The MC74VHC08 is an advanced high speed CMOS 2–input AND gate fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation.

The internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output. The inputs tolerate voltages up to 7V, allowing the interface of 5V systems to 3V systems.



• High Speed: tPD= 4.3ns (Typ) at VCC= 5V

• Low Power Dissipation: ICC= 2µA (Max) at TA= 25°C

• High Noise Immunity: VNIH= VNIL= 28% VCC

• Power Down Protection Provided on Inputs

• Balanced Propagation Delays

• Designed for 2V to 5.5V Operating Range

• Low Noise: VOLP= 0.8V (Max)

• Pin and Function Compatible with Other Standard Logic Families

• Latchup Performance Exceeds 300mA

• ESD Performance: HBM > 2000V; Machine Model > 200V

• Chip Complexity: 24 FETs or 6 Equivalent Gates




Similar Part No. - MC74VHC08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC08 ONSEMI-MC74VHC08 Datasheet
92Kb / 6P
Quad 2?묲nput AND Gate
November, 2005 ??Rev. 6
MC74VHC08 ONSEMI-MC74VHC08 Datasheet
96Kb / 6P
Quad 2-Input AND Gate
September, 2014 ??Rev. 9
MC74VHC08 ONSEMI-MC74VHC08 Datasheet
88Kb / 5P
Quad 2-Input AND Gate
October, 2017 ??Rev. 11
MC74VHC08DR2 ONSEMI-MC74VHC08DR2 Datasheet
92Kb / 6P
Quad 2?묲nput AND Gate
November, 2005 ??Rev. 6
MC74VHC08DR2G ONSEMI-MC74VHC08DR2G Datasheet
92Kb / 6P
Quad 2?묲nput AND Gate
November, 2005 ??Rev. 6
More results


Similar Description - MC74VHC08

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
Quad 2-Input AND Gate
1999 REV 0
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
QUAD 2-INPUT AND GATE
Feb-1993
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
QUAD 2-INPUT AND GATE
Jul-2001
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
QUAD 2-INPUT AND GATE
logo
Rohm
BU4081B ROHM-BU4081B Datasheet
50Kb / 4P
Quad 2-input AND gate
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
Quad 2-Input AND Gate
logo
STMicroelectronics
74VHCT08A STMICROELECTRONICS-74VHCT08A_04 Datasheet
217Kb / 11P
QUAD 2-INPUT AND GATE
16-Dec-2004
logo
IK Semicon Co., Ltd
IN74VHCT08 IKSEMICON-IN74VHCT08 Datasheet
254Kb / 6P
Quad 2-Input AND Gate
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com