Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V47MA2S Datasheet (PDF) - Littelfuse

V47MA2S Datasheet PDF - Littelfuse
Part # V47MA2S
Download  V47MA2S Download
File Size   96.53 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Varistor Products - Axial Lead

V47MA2S Datasheet (PDF)

Go To PDF Page Download Datasheet
V47MA2S Datasheet PDF - Littelfuse

Part # V47MA2S
Download  V47MA2S Click to download

File Size   96.53 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Varistor Products - Axial Lead

V47MA2S Datasheet (HTML) - Littelfuse


V47MA2S Product details

Description
The MA Series of transient surge suppressors are axial lead Metal Oxide Varistors (MOVs) for use in a wide variety of board level industrial and commercial electronic equipment. They are intended to protect components and signal/data lines from low energy transients where the small axial lead package is required.

Features
• 3mm diameter disc size
• Small axial lead package
• Wide operating voltage range:
   VM(AC)RMS 9V to 264V
   VM(DC) 13V to 365V
• Available in tape and reel or bulk packaging
• No derating up to 85ºC ambient
• New black epoxy offers improved performance for high temperature Lead-free wave soldering process.




Similar Part No. - V47MA2S

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V47MA2S LITTELFUSE-V47MA2S Datasheet
187Kb / 5P
Axial Lead / Application Specific Varistors
V47MA2S LITTELFUSE-V47MA2S Datasheet
187Kb / 5P
Axial Lead / Application Specific Varistors MA Series
V47MA2S LITTELFUSE-V47MA2S Datasheet
933Kb / 5P
Metal-Oxide Varistors (MOVs)
11/04/15
More results


Similar Description - V47MA2S

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V07E130P LITTELFUSE-V07E130P Datasheet
1Mb / 12P
Varistor Products - High Surge Current, Radial Lead
V8ZA05P LITTELFUSE-V8ZA05P Datasheet
1Mb / 14P
Varistor Products - Low to Medum Voltage, Radial Lead
V130LA1P LITTELFUSE-V130LA1P Datasheet
984Kb / 11P
Varistor Products - Line Voltage Operation, Radial Lead
V130PA20A LITTELFUSE-V130PA20A Datasheet
86Kb / 5P
Varistor Products - Base Mount
V25S115P LITTELFUSE-V25S115P Datasheet
282Kb / 5P
Varistor Products
V275LT4P LITTELFUSE-V275LT4P Datasheet
1Mb / 13P
Varistor Products Radial Lead Varistors > LA Series
V510LS40AP LITTELFUSE-V510LS40AP Datasheet
1Mb / 13P
Varistor Products Radial Lead Varistors > LA Series
V9MLA0402LNR LITTELFUSE-V9MLA0402LNR Datasheet
380Kb / 8P
Varistor Products
V3.5MLA0603NH LITTELFUSE-V3.5MLA0603NH Datasheet
466Kb / 8P
Varistor Products
V150LT10A LITTELFUSE-V150LT10A Datasheet
309Kb / 11P
Varistor Products
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com