Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2005SPBF Datasheet (PDF) - Infineon Technologies AG

IRS2005SPBF Datasheet PDF - Infineon Technologies AG
Part # IRS2005SPBF
Download  IRS2005SPBF Download
File Size   1982.48 Kbytes
Page   19 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description High and Low Side Driver

IRS2005SPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRS2005SPBF Datasheet PDF - Infineon Technologies AG

Part # IRS2005SPBF
Download  IRS2005SPBF Click to download

File Size   1982.48 Kbytes
Page   19 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description High and Low Side Driver

IRS2005SPBF Datasheet (HTML) - Infineon Technologies AG


IRS2005SPBF Product details

Description
The IRS2005 is a high voltage, high speed power MOSFET and IGBT driver with independent high and low side referenced output channels. Proprietary HVIC and latch immune CMOS technologies enable ruggedized monolithic construction. The logic input is compatible with standard CMOS or LSTTL output, down to 3.3V logic. The output drivers feature a high pulse current buffer stage designed for minimum driver cross-conduction. The floating channel can be used to drive an N-channel power MOSFET or IGBT in the high side configuration which operates up to 200 V. Propagation delays are matched to simplify the HVIC’s use in high frequency applications.

Features
• Gate drive supplies up to 20V per channel
• Undervoltage lockout for VCC, VBS
• 3.3 V, 5V , 15V input logic compatible
• Tolerant to negative transient voltage
• Designed for use with bootstrap power supplies
• Matched propagation delays
• Output in phase with the Inputs
• -40°C to 125°C operating range
• RoHS compliant

Typical Applications
• Appliance motor drives
• Servo drives
• Micro inverter drives
• General purpose three phase inverters




Similar Part No. - IRS2005SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2005SPBF IRF-IRS2005SPBF Datasheet
2Mb / 19P
High and Low Side Driver
IRS2005SPBF IRF-IRS2005SPBF Datasheet
1Mb / 19P
High and Low Side Driver
logo
Infineon Technologies A...
IRS2005SPBF INFINEON-IRS2005SPBF Datasheet
1Mb / 19P
High and Low Side Driver
April 23, 2020
More results


Similar Description - IRS2005SPBF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS2011PBF IRF-IRS2011PBF Datasheet
338Kb / 19P
HIGH AND LOW SIDE DRIVER
IRS2106 IRF-IRS2106_15 Datasheet
1Mb / 25P
HIGH AND LOW SIDE DRIVER
IRS2181 IRF-IRS2181_15 Datasheet
1Mb / 23P
HIGH AND LOW SIDE DRIVER
IRS2607DSPBF IRF-IRS2607DSPBF_15 Datasheet
833Kb / 28P
HIGH AND LOW SIDE DRIVER
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
High Side and Low Side Driver
logo
Infineon Technologies A...
IR2101 INFINEON-IR2101 Datasheet
148Kb / 14P
HIGH AND LOW SIDE DRIVER
IRS2005PBF INFINEON-IRS2005PBF Datasheet
1Mb / 19P
High and Low Side Driver
April 23, 2020
IRS2101PBF INFINEON-IRS2101PBF Datasheet
1Mb / 15P
HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60250
logo
Shenzhen Huazhimei Semi...
HM2101 HMSEMI-HM2101 Datasheet
385Kb / 5P
High and Low Side Driver
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com