Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBI4K5M1 Datasheet (PDF) - List of Unclassifed Manufacturers

FBI4K5M1 Datasheet PDF - List of Unclassifed Manufacturers
Part # FBI4K5M1
Download  FBI4K5M1 Download
File Size   32.5 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 4 Amp. Glass Passivated Bridge Rectifier

FBI4K5M1 Datasheet (PDF)

Go To PDF Page Download Datasheet
FBI4K5M1 Datasheet PDF - List of Unclassifed Manufacturers

Part # FBI4K5M1
Download  FBI4K5M1 Click to download

File Size   32.5 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 4 Amp. Glass Passivated Bridge Rectifier

FBI4K5M1 Datasheet (HTML) - List of Unclassifed Manufacturers


FBI4K5M1 Product details

[FAGOR]



Voltage 50 to 1000 V. Current 4.0 A.



• Glass Passivated Junction Chips.

• UL recognized under component index file number E130180.

• Lead and polarity identifications.

• Case: Molded Plastic.

• Ideal for printed circuit board (P.C.B.).

• High surge current capability.

• The plastic material carries U/L recognition 94 V-O.



• Mounting Instructions

• High temperature soldering guaranteed: 260 ºC – 10 sc.

• Recommended mounting torque: 8 Kg.cm.



 




Similar Part No. - FBI4K5M1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FBI4K7M1 ETC1-FBI4K7M1 Datasheet
32Kb / 2P
4 Amp. Glass Passivated Bridge Rectifier
More results


Similar Description - FBI4K5M1

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
KBJ4005G FUJI-KBJ4005G Datasheet
751Kb / 1P
4 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
List of Unclassifed Man...
FBI2B5S2 ETC-FBI2B5S2 Datasheet
32Kb / 2P
2. Amp. Glass Passivated Bridge Rectifier
FB2506 ETC1-FB2506 Datasheet
188Kb / 2P
25 Amp. Glass Passivated Bridge Rectifier
FB5000 ETC1-FB5000 Datasheet
27Kb / 2P
50 Amp. Glass Passivated Bridge Rectifier
B40C1500R ETC1-B40C1500R Datasheet
20Kb / 2P
1.5 Amp. Glass Passivated Bridge Rectifier
FBI8A5M1 ETC1-FBI8A5M1 Datasheet
35Kb / 2P
8 Amp. Glass Passivated Bridge Rectifier
FBI6A5M1 ETC1-FBI6A5M1 Datasheet
35Kb / 2P
6 Amp. Glass Passivated Bridge Rectifier
FBI6A1M1 ETC-FBI6A1M1 Datasheet
37Kb / 2P
6 Amp. Glass Passivated Bridge Rectifier
FBI4A7M1 ETC1-FBI4A7M1 Datasheet
32Kb / 2P
4 Amp. Glass Passivated Bridge Rectifier
TL400G ETC2-TL400G Datasheet
127Kb / 4P
4 AMP Glass Passivated Bridge Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com