Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H25295 Datasheet (PDF) - Intersil Corporation

H25295 Datasheet PDF - Intersil Corporation
Part # H25295
Download  H25295 Download
File Size   401.44 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 20MHz, High Input Impedance, High Slew Rate Operational Amplifier

H25295 Datasheet (PDF)

Go To PDF Page Download Datasheet
H25295 Datasheet PDF - Intersil Corporation

Part # H25295
Download  H25295 Click to download

File Size   401.44 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 20MHz, High Input Impedance, High Slew Rate Operational Amplifier

H25295 Datasheet (HTML) - Intersil Corporation


H25295 Product details

The HA-2529 is a monolithic operational amplifier which typifies excellence of design. With a design based on years of experience coupled with the reliable dielectric isolation process, this amplifier provides an outstanding combination of DC and AC parameters at closed loop gains greater than 3.



Features

• High Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . 150V/µs

• Fast Settling . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200ns

• Full Power Bandwidth . . . . . . . . . . . . . . . . . . . . . . . 2MHz

• Gain Bandwidth (AV ≥ 3) . . . . . . . . . . . . . . . . . . . . 20MHz

• High Input Impedance . . . . . . . . . . . . . . . . . . . . . . 130MΩ

• Low Offset Current. . . . . . . . . . . . . . . . . . . . . . . . . . . 5nA

• High Output Current. . . . . . . . . . . . . . . . . . . . . . . . ±30mA



Applications

• Data Acquisition Systems

• Signal Generators

• RF Amplifiers

• Pulse Amplification

• Video Amplifiers



 




Similar Part No. - H25295

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
H2520-00R00-1-2W5 INTERSIL-H2520-00R00-1-2W5 Datasheet
4Mb / 12P
ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup Procedure
December 3, 2012
logo
CBC Group. CBC AMERICA ...
H2520KP COMPUTAR-H2520KP Datasheet
48Kb / 1P
f = 25.0mm F2.0 Megapixel lens for 1/2 type Format Board Cameras, No Iris
2009.2
More results


Similar Description - H25295

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE531 PHILIPS-NE531 Datasheet
159Kb / 8P
High slew rate operational amplifier
August 31, 1994
logo
Intersil Corporation
HA-2500883 INTERSIL-HA-2500883 Datasheet
193Kb / 7P
Precision High Slew Rate Operational Amplifier
September 2004
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
High Slew Rate Operational Amplifier
October 26, 2004
HFA-0005 INTERSIL-HFA-0005 Datasheet
759Kb / 10P
High Slew Rate Operational Amplifier
September 1998
logo
National Semiconductor ...
LH4124C NSC-LH4124C Datasheet
117Kb / 4P
HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2520 INTERSIL-HA-2520_06 Datasheet
307Kb / 11P
20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
November 15, 2006
HA-2510 INTERSIL-HA-2510_06 Datasheet
209Kb / 7P
High Slew Rate Operational Amplifier
January 3, 2006
HA-2520 INTERSIL-HA-2520 Datasheet
310Kb / 6P
20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
October 11, 2004
logo
Renesas Technology Corp
HA-2520 RENESAS-HA-2520 Datasheet
461Kb / 12P
20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
June 13, 2014
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com