Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-4741883 Datasheet (PDF) - Intersil Corporation

HA-4741883 Datasheet PDF - Intersil Corporation
Part # HA-4741883
Download  HA-4741883 Download
File Size   100.87 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad Operational Amplifier

HA-4741883 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-4741883 Datasheet PDF - Intersil Corporation

Part # HA-4741883
Download  HA-4741883 Click to download

File Size   100.87 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad Operational Amplifier

HA-4741883 Datasheet (HTML) - Intersil Corporation


HA-4741883 Product details

Description
The Intersil HA-4741/883, which contains four amplifiers on a monolithic chip, provides a new measure of performance for general purpose operational amplifiers. Each amplifier in the HA-4741/883 has operating specifications that equal or exceed those of the 741-type amplifier in all categories of performance.

Features
• This Circuit is Processed in Accordance to MIL-STD-883 and is Fully Conformant Under the Provisions of Paragraph 1.2.1.
• Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . 0.9V/µs (Min)
• Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . 2.5MHz (Min)
• Input Offset Voltage. . . . . . . . . . . . . . . . . . . . 3mV (Max)
• Input Bias Current . . . . . . . . . . . . . . . . . . . 200nA (Max)
• Input Voltage Noise . . . . . . . . . . . . . . . . . 9nV/√Hz (Typ)
• No Crossover Distortion
• Standard Quad Pinout

Applications
• Universal Active Filters
• D3 Communications Filters
• Audio Amplifiers
• Battery-Powered Equipment




Similar Part No. - HA-4741883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-4741 INTERSIL-HA-4741 Datasheet
62Kb / 6P
Quad, 3.5MHz, Operational Amplifier
September 1998
HA-4741 INTERSIL-HA-4741 Datasheet
352Kb / 8P
Quad, 3.5MHz, Operational Amplifier
July 2004
logo
Renesas Technology Corp
HA-4741 RENESAS-HA-4741 Datasheet
361Kb / 8P
Quad, 3.5MHz, Operational Amplifier
July 2004
logo
Intersil Corporation
HA-4741 INTERSIL-HA-4741_04 Datasheet
352Kb / 8P
Quad, 3.5MHz, Operational Amplifier
July 2004
More results


Similar Description - HA-4741883

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2058 NJRC-NJM2058 Datasheet
226Kb / 6P
QUAD OPERATIONAL AMPLIFIER
NJM2060 NJRC-NJM2060 Datasheet
231Kb / 6P
QUAD OPERATIONAL AMPLIFIER?
NJM2112 NJRC-NJM2112 Datasheet
218Kb / 5P
QUAD OPERATIONAL AMPLIFIER
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
Quad operational amplifier
logo
fujitsu semiconductor
MB3614 FUJITSU-MB3614 Datasheet
89Kb / 7P
QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17301P HITACHI-HA17301P Datasheet
61Kb / 14P
Quad Operational Amplifier
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
Quad Operational Amplifier
logo
Renesas Technology Corp
HA17324A RENESAS-HA17324A Datasheet
104Kb / 8P
Quad Operational Amplifier
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
QUAD OPERATIONAL AMPLIFIER
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
Quad Operational Amplifier
Rev 1.0 16/06/18
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com