Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA1100/883 Datasheet (PDF) - Intersil Corporation

HFA1100/883 Datasheet PDF - Intersil Corporation
Part # HFA1100/883
Download  HFA1100/883 Download
File Size   402.92 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 850MHz Current Feedback Amplifier

HFA1100/883 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA1100/883 Datasheet PDF - Intersil Corporation

Part # HFA1100/883
Download  HFA1100/883 Click to download

File Size   402.92 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 850MHz Current Feedback Amplifier

HFA1100/883 Datasheet (HTML) - Intersil Corporation


HFA1100/883 Product details

Description

The HFA1100/883 is a high speed, wideband, fast settling current feedback amplifier. Built with Intersil’ proprietary, complementary bipolar UHF-1 process, it is the fastest monolithic amplifier available from any semiconductor manufacturer.

The HFA1100/883’s wide bandwidth, fast settling character istic, and low output impedance, make this amplifier ideal for driving fast A/D converters.

Component and composite video systems will also benefit from this amplifier’s performance, as indicated by the excellent gain flatness, and 0.03%/0.05 Deg. Differential Gain/Phase specifications (RL = 75Ω).



Features

• This Circuit is Processed in Accordance to MIL-STD-883 and is Fully Conformant Under the Provisions of Paragraph 1.2.1.

• Low Distortion (HD3, 30MHz) . . . . . . . . . . -84dBc (Typ)

• Wide -3dB Bandwidth . . . . . . . . . . . . . . . 850MHz (Typ)

• Very High Slew Rate . . . . . . . . . . . . . . . 2300V/µs (Typ)

• Fast Settling (0.1%) . . . . . . . . . . . . . . . . . . . . 11ns (Typ)

• Excellent Gain Flatness (to 50MHz) . . . . . 0.05dB (Typ)

• High Output Current . . . . . . . . . . . . . . . . . . 65mA (Typ)

• Fast Overdrive Recovery . . . . . . . . . . . . . . <10ns (Typ)



Applications

• Video Switching and Routing

• Pulse and Video Amplifiers

• Wideband Amplifiers

• RF/IF Signal Processing

• Flash A/D Driver

• Medical Imaging Systems



 




Similar Part No. - HFA1100/883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100 Datasheet
134Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
May 1999
HFA1100 INTERSIL-HFA1100 Datasheet
335Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100 Datasheet
340Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
HFA1100EVAL INTERSIL-HFA1100EVAL Datasheet
134Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
May 1999
More results


Similar Description - HFA1100/883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100 Datasheet
134Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
May 1999
HFA1120 INTERSIL-HFA1120 Datasheet
115Kb / 17P
850MHz Current Feedback Amplifier with Offset Adjust
July 1994
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
HFA1130883 INTERSIL-HFA1130883 Datasheet
865Kb / 19P
Output Clamping, 850MHz Current Feedback Amplifier
July 1994
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
HFA1130 INTERSIL-HFA1130_05 Datasheet
378Kb / 12P
850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
July 15, 2005
HFA1100IP INTERSIL-HFA1100IP Datasheet
340Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
HFA1130IBZ INTERSIL-HFA1130IBZ Datasheet
381Kb / 13P
850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
April 25, 2013
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
HFA1130 RENESAS-HFA1130 Datasheet
710Kb / 13P
850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com