Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHC32D Datasheet (PDF) - ON Semiconductor

MC74VHC32D Datasheet PDF - ON Semiconductor
Part # MC74VHC32D
Download  MC74VHC32D Download
File Size   137.64 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad 2-Input OR Gate

MC74VHC32D Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74VHC32D Datasheet PDF - ON Semiconductor

Part # MC74VHC32D
Download  MC74VHC32D Click to download

File Size   137.64 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad 2-Input OR Gate

MC74VHC32D Datasheet (HTML) - ON Semiconductor


MC74VHC32D Product details

The MC74VHC32 is an advanced high speed CMOS 2−input OR gate fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation.
The internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output. The inputs tolerate voltages up to 7.0 V, allowing the interface of 5.0 V systems to 3.0 V systems.

Features
• High Speed: tPD = 3.8 ns (Typ) at VCC = 5.0 V
• Low Power Dissipation: ICC = 2.0 μA (Max) at TA = 25°C
• High Noise Immunity: VNIH = VNIL = 28% VCC
• Power Down Protection Provided on Inputs
• Balanced Propagation Delays
• Designed for 2.0 V to 5.5 V Operating Range
• Low Noise: VOLP = 0.8 V (Max)
• Pin and Function Compatible with Other Standard Logic Families
• Latchup Performance Exceeds 300 mA
• ESD Performance:
    Human Body Model > 2000 V;
    Machine Model > 200 V
• Chip Complexity: 48 FETs or 12 Equivalent Gates
• Pb−Free Packages are Available*




Similar Part No. - MC74VHC32D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC32DR2G ONSEMI-MC74VHC32DR2G Datasheet
84Kb / 6P
Quad 2-Input OR Gate
September, 2014 ??Rev. 7
MC74VHC32DR2G ONSEMI-MC74VHC32DR2G Datasheet
250Kb / 8P
Quad 2-Input OR Gate
February, 2021 ??Rev. 8
MC74VHC32DTG ONSEMI-MC74VHC32DTG Datasheet
84Kb / 6P
Quad 2-Input OR Gate
September, 2014 ??Rev. 7
MC74VHC32DTG ONSEMI-MC74VHC32DTG Datasheet
250Kb / 8P
Quad 2-Input OR Gate
February, 2021 ??Rev. 8
MC74VHC32DTR2G ONSEMI-MC74VHC32DTR2G Datasheet
84Kb / 6P
Quad 2-Input OR Gate
September, 2014 ??Rev. 7
More results


Similar Description - MC74VHC32D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
Quad 2-Input OR gate
1991 Feb 08
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
QUAD 2-INPUT OR GATE
Apr-2001
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
QUAD 2-INPUT OR GATE
Feb-1999
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
QUAD 2 INPUT OR GATE
logo
Fairchild Semiconductor
DM74AS32 FAIRCHILD-DM74AS32 Datasheet
60Kb / 5P
Quad 2-Input OR Gate
DM74S32 FAIRCHILD-DM74S32 Datasheet
33Kb / 3P
Quad 2-Input OR Gate
MM74HCT32 FAIRCHILD-MM74HCT32_05 Datasheet
83Kb / 7P
Quad 2-Input OR Gate
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com