| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
BDL26070
|
109Kb / 3P |
PowerPact B Circuit Breaker, 70A, 2P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jun 22, 2020 |
|
BGL36070
|
135Kb / 3P |
PowerPact B Circuit Breaker, 70A, 3P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
Jun 21, 2020 |
|
BDL46070
|
123Kb / 3P |
PowerPact B Circuit Breaker, 70A, 4P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jun 25, 2020 |
|
BDP36070
|
116Kb / 3P |
PowerPact B Circuit Breaker, 70A, 3P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jun 25, 2020 |
|
BDM36070
|
116Kb / 3P |
PowerPact - circuit breaker 70A, 3P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jun 30, 2020 |
|
BDM26070
|
93Kb / 3P |
PowerPact B Circuit Breaker, 70A, 2P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jul 6, 2020 |
|
BDM46070
|
118Kb / 2P |
PowerPact B Circuit Breaker, 70A, 4P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jul 6, 2020 |
|
BDP26070
|
93Kb / 3P |
PowerPact B Circuit Breaker, 70A, 2P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jul 6, 2020 |
|
BDP46070
|
118Kb / 2P |
PowerPact B Circuit Breaker, 70A, 4P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jul 6, 2020 |
|
BJM36070
|
119Kb / 3P |
PowerPact B Circuit Breaker, 70A, 3P, 600Y/347V AC, 25kA at 600Y/347 UL EverLink
Jul 6, 2020 |