Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHC74D Datasheet (PDF) - Motorola, Inc

MC74VHC74D Datasheet PDF - Motorola, Inc
Part # MC74VHC74D
Download  MC74VHC74D Download
File Size   153.5 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Dual D-Type Flip-Flop with Set and Reset

MC74VHC74D Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74VHC74D Datasheet PDF - Motorola, Inc

Part # MC74VHC74D
Download  MC74VHC74D Click to download

File Size   153.5 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Dual D-Type Flip-Flop with Set and Reset

MC74VHC74D Datasheet (HTML) - Motorola, Inc


MC74VHC74D Product details

The MC74VHC74 is an advanced high speed CMOS D–type flip–flop fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation.
The signal level applied to the D input is transferred to Q output during the positive going transition of the Clock pulse.
Reset (RD) and Set (SD) are independent of the Clock (CP) and are accomplished by setting the appropriate input Low.
The internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output. The inputs tolerate voltages up to 7V, allowing the interface of 5V systems to 3V systems.

• High Speed: fmax = 170MHz (Typ) at VCC = 5V
• Low Power Dissipation: ICC = 2µA (Max) at TA = 25°C
• High Noise Immunity: VNIH = VNIL = 28% VCC
• Power Down Protection Provided on Inputs
• Balanced Propagation Delays
• Designed for 2V to 5.5V Operating Range
• Low Noise: VOLP = 0.8V (Max)
• Pin and Function Compatible with Other Standard Logic Families
• Latchup Performance Exceeds 300mA
• ESD Performance: HBM > 2000V; Machine Model > 200V
• Chip Complexity: 128 FETs or 32 Equivalent Gates




Similar Part No. - MC74VHC74D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC74DR2 ONSEMI-MC74VHC74DR2 Datasheet
159Kb / 6P
Dual D?뭈ype Flip?묯lop with Set and Reset
March, 2006 ??Rev. 5
MC74VHC74DR2G ONSEMI-MC74VHC74DR2G Datasheet
159Kb / 6P
Dual D?뭈ype Flip?묯lop with Set and Reset
March, 2006 ??Rev. 5
MC74VHC74DR2G ONSEMI-MC74VHC74DR2G Datasheet
144Kb / 8P
Dual D-Type Flip-Flop
May, 2011 ??Rev. 8
MC74VHC74DT ONSEMI-MC74VHC74DT Datasheet
159Kb / 6P
Dual D?뭈ype Flip?묯lop with Set and Reset
March, 2006 ??Rev. 5
MC74VHC74DTG ONSEMI-MC74VHC74DTG Datasheet
159Kb / 6P
Dual D?뭈ype Flip?묯lop with Set and Reset
March, 2006 ??Rev. 5
More results


Similar Description - MC74VHC74D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A Datasheet
187Kb / 8P
Dual D Flip-Flop with Set and Reset
March, 2000 ??Rev. 8
MC74VHCT74A ONSEMI-MC74VHCT74A Datasheet
147Kb / 6P
Dual D-Type Flip-Flop with Set and Reset
1998 REV 0
logo
NXP Semiconductors
74ALS74A PHILIPS-74ALS74A Datasheet
50Kb / 10P
Dual D-type flip-flop with set and reset
1996 Jul 01
logo
KODENSHI_AUK CORP.
KK74VHCT74 KODENSHI-KK74VHCT74 Datasheet
303Kb / 7P
Dual D Flip-Flop with Set and Reset
KK74VHC74 KODENSHI-KK74VHC74 Datasheet
311Kb / 7P
DUAL D FLIP-FLOP WITH SET AND RESET
logo
IK Semicon Co., Ltd
IN74HC74A IKSEMICON-IN74HC74A Datasheet
228Kb / 6P
Dual D Flip-Flop with Set and Reset
IN74VHCT74 IKSEMICON-IN74VHCT74 Datasheet
290Kb / 7P
Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A_11 Datasheet
150Kb / 9P
Dual D Flip-Flop with Set and Reset
May, 2011 ??Rev. 12
MC74VHCT74A ONSEMI-MC74VHCT74A_09 Datasheet
156Kb / 6P
Dual D-Type Flip-Flop with Set and Reset
November, 2009 ??Rev. 6
logo
Texas Instruments
CD54HC74 TI1-CD54HC74_14 Datasheet
628Kb / 17P
Dual D Flip-Flop with Set and Reset
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com