Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFM108 Datasheet (PDF) - Formosa MS

HFM108 Datasheet PDF - Formosa MS
Part # HFM108
Download  HFM108 Download
File Size   36.44 Kbytes
Page   2 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description Chip Silicon Rectifier - Fast recovery type

HFM108 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFM108 Datasheet PDF - Formosa MS

Part # HFM108
Download  HFM108 Click to download

File Size   36.44 Kbytes
Page   2 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description Chip Silicon Rectifier - Fast recovery type

HFM108 Datasheet (HTML) - Formosa MS


HFM108 Product details

Fast recovery type

Features
• Plastic package has Underwriters Laboratory FlammabilityClassification 94V-O Utilizing Flame RetardantEpoxy Molding Compound.
• For surface mounted applications.
• Exceeds environmental standards of MIL-S-19500 / 228
• Low leakage current.




Similar Part No. - HFM108

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HFM108 RECTRON-HFM108 Datasheet
27Kb / 2P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
WILLAS ELECTRONIC CORP
HFM108 WILLAS-HFM108 Datasheet
596Kb / 2P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
logo
Shenzhen Taychipst Elec...
HFM108 TAYCHIPST-HFM108 Datasheet
3Mb / 2P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
logo
Leshan Radio Company
HFM108 LRC-HFM108 Datasheet
179Kb / 9P
Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
Zibo Seno Electronic En...
HFM108 ZSELEC-HFM108 Datasheet
140Kb / 2P
1.0A GLASS PASSIVATED ULTRAFAST RECOVERY DIODE
More results


Similar Description - HFM108

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FFM101-L FORMOSA-FFM101-L Datasheet
71Kb / 2P
Chip Silicon Rectifier Fast recovery type
FFM101-MH FORMOSA-FFM101-MH Datasheet
79Kb / 2P
Chip Silicon Rectifier - Fast recovery type
FFM201-L FORMOSA-FFM201-L Datasheet
71Kb / 2P
Chip Silicon Rectifier - Fast recovery type
FM4933 FORMOSA-FM4933 Datasheet
40Kb / 2P
Chip Silicon Rectifier - Fast recovery type
HFM101-L FORMOSA-HFM101-L Datasheet
80Kb / 2P
Chip Silicon Rectifier - Ultra fast recovery type
HFM101-MH FORMOSA-HFM101-MH Datasheet
80Kb / 2P
Chip Silicon Rectifier - Ultra fast recovery type
HFM201-L FORMOSA-HFM201-L Datasheet
81Kb / 2P
Chip Silicon Rectifier - Ultra fast recovery type
SFM11-L FORMOSA-SFM11-L Datasheet
80Kb / 2P
Chip Silicon Rectifier - Super fast recovery type
SFM11-MH FORMOSA-SFM11-MH Datasheet
80Kb / 2P
Chip Silicon Rectifier - Super fast recovery type
SFM21-L FORMOSA-SFM21-L Datasheet
92Kb / 2P
Chip Silicon Rectifier - Super fast recovery type
More results




About Formosa MS


Formosa MS is a Taiwanese semiconductor company that specializes in the design and manufacture of integrated circuits (ICs) and semiconductor devices for a wide range of applications. The company was founded in 1979 and is based in Taipei, Taiwan.

Formosa MS's product portfolio includes analog and mixed-signal ICs, power management ICs, LED lighting ICs, and automotive ICs, among others. The company's products are used in various industries, such as automotive, industrial, consumer electronics, and communications.

Formosa MS is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Formosa MS is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com