Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4851-1 Datasheet (PDF) - Analog Devices

ADA4851-1 Datasheet PDF - Analog Devices
Part # ADA4851-1
Download  ADA4851-1 Download
File Size   399.2 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, High Speed, Rail-to-Rail Output Op Amps

ADA4851-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4851-1 Datasheet PDF - Analog Devices

Part # ADA4851-1
Download  ADA4851-1 Click to download

File Size   399.2 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, High Speed, Rail-to-Rail Output Op Amps

ADA4851-1 Datasheet (HTML) - Analog Devices


ADA4851-1 Product details

GENERAL DESCRIPTION

The ADA4851-1 (single)/ADA4851-2 (dual)/ADA4851-4 (quad) are low cost, high speed, voltage feedback rail-to-rail output op amps. Despite their low price, these parts provide excellent overall performance and versatility. The 130 MHz, −3 dB bandwidth and high slew rate make these amplifiers well suited for many general-purpose, high speed applications.



FEATURES

High speed

  130 MHz, −3 dB bandwidth

  375 V/μs slew rate

  55 ns settling time to 0.1%

Excellent video specifications

  0.1 dB flatness: 11 MHz

  Differential gain: 0.08%

  Differential phase: 0.09°

Fully specified at +3 V, +5 V, and ±5 V supplies

Rail-to-rail output

  Output swings to within 60 mV of either rail

Low voltage offset: 0.6 mV

Wide supply range: 2.7 V to 12 V

Low power: 2.5 mA/amplifier

Power-down mode

Available in space-saving packages

  6-lead SOT-23, 8-lead MSOP, and 14-lead TSSOP



APPLICATIONS

Automotive infotainment systems

Automotive driver assistance systems

Consumer video

Professional video

Video switchers

Active filters

Clock buffers




Similar Part No. - ADA4851-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4851-1 AD-ADA4851-1 Datasheet
487Kb / 20P
Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. E
ADA4851-1 AD-ADA4851-1 Datasheet
407Kb / 24P
Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1WYRJZ-R7 AD-ADA4851-1WYRJZ-R7 Datasheet
432Kb / 24P
Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1WYRJZ-R7 AD-ADA4851-1WYRJZ-R7 Datasheet
380Kb / 24P
Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1WYRJZ-R7 AD-ADA4851-1WYRJZ-R7 Datasheet
407Kb / 24P
Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
More results


Similar Description - ADA4851-1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4012 MAXIM-MAX4012 Datasheet
196Kb / 16P
Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 7/97
logo
Analog Devices
ADA4851-1 AD-ADA4851-1_06 Datasheet
451Kb / 20P
Low Cost, High Speed, Rail-to-Rail, Output Op Amps
4/06-Rev. C to Rev. D
ADA4851-1 AD-ADA4851-1_07 Datasheet
487Kb / 20P
Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. E
ADA4851-2 AD-ADA4851-2 Datasheet
432Kb / 24P
Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
logo
Monolithic Power System...
MP5120 MPS-MP5120 Datasheet
470Kb / 10P
High Speed, /-9V, Rail-to-Rail Input-Output Op Amps
logo
Analog Devices
ADA4851-1 AD-ADA4851-1_15 Datasheet
636Kb / 25P
Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-2 AD-ADA4851-2_15 Datasheet
636Kb / 25P
Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-4 AD-ADA4851-4_15 Datasheet
636Kb / 25P
Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
logo
Linear Technology
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
Rail-to-Rail Output Precision Op Amps
logo
Analog Devices
ADA4851-1 AD-ADA4851-1_16 Datasheet
380Kb / 24P
Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com