Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8606 Datasheet (PDF) - Maxim Integrated Products

MAX8606 Datasheet PDF - Maxim Integrated Products
Part # MAX8606
Download  MAX8606 Download
File Size   170.97 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description USB/AC Adapter, Li Linear Battery Charger with Integrated 50mOHM Battery Switch in TDFN

MAX8606 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8606 Datasheet PDF - Maxim Integrated Products

Part # MAX8606
Download  MAX8606 Click to download

File Size   170.97 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description USB/AC Adapter, Li Linear Battery Charger with Integrated 50mOHM Battery Switch in TDFN

MAX8606 Datasheet (HTML) - Maxim Integrated Products


MAX8606 Product details

General Description
The MAX8606 complete 1-cell Li+ battery charge-management IC operates from either a USB port or AC adapter. It integrates a battery disconnect switch, current-sense circuit, PMOS pass element, and thermal-regulation circuitry, while eliminating the external reverse-blocking Schottky diode, to create a simple and small charging solution. The charging sequence initiates from power-OK indication, through prequalification, fast-charge, top-off charge, and finally charging-complete indication for single-cell Li+ batteries. Charging is controlled using constant current, constant voltage, or constant die-temperature (CCCVCTJ) regulation for safe operation in handhelds.

Features
♦ Small 3mm x 3mm Thermally Enhanced TDFN Package (0.8mm max height)
♦ USB-Compliant Suspend Mode (20µA)
♦ Selectable 100mA, 500mA, and Up to 1A Input Current Limits
♦ USB or AC Adapter Input
♦ +6V to +14V Input Overvoltage Protection
♦ Input UVLO Below +4V Rising (3.5V Falling)
♦ Automatic Current Sharing Between Battery Charging and System
♦ Die Temperature Regulation (+100°C)
♦ Prequal, Fast-Charge, and Top-Off Timers
♦ Low Dropout Voltage, 250mV at 0.5A
♦ NTC Thermistor Input
♦ Charge Status and Input-Supply Detection Flags

Applications
    Cellular Phones, Smartphones, PDAs
    Digital Cameras, MP3 Players
    USB Appliances, Charging Cradles and Docks




Similar Part No. - MAX8606

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8606 MAXIM-MAX8606 Datasheet
178Kb / 14P
USB/AC Adapter, Li Linear Battery Charger with Integrated 50mΩ Battery Switch in TDFN
Rev 1; 12/08
MAX8606ETD+ MAXIM-MAX8606ETD+ Datasheet
178Kb / 14P
USB/AC Adapter, Li Linear Battery Charger with Integrated 50mΩ Battery Switch in TDFN
Rev 1; 12/08
MAX8606 MAXIM-MAX8606_08 Datasheet
178Kb / 14P
USB/AC Adapter, Li Linear Battery Charger with Integrated 50mΩ Battery Switch in TDFN
Rev 1; 12/08
More results


Similar Description - MAX8606

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8606 MAXIM-MAX8606_08 Datasheet
178Kb / 14P
USB/AC Adapter, Li Linear Battery Charger with Integrated 50mΩ Battery Switch in TDFN
Rev 1; 12/08
logo
Summit Microelectronics...
SMB138 SUMMIT-SMB138 Datasheet
412Kb / 2P
Programmable Switch-mode, USB/AC Input Li Battery Charger with TurboCharge
logo
Maxim Integrated Produc...
MAX8922L MAXIM-MAX8922L Datasheet
704Kb / 15P
30V Li Linear Battery Charger with GSM Test Mode in 3mm x 2mm TDFN
19-4929; Rev 1; 4/10
logo
Monolithic Power System...
MP26056 MPS-MP26056 Datasheet
396Kb / 11P
28V, Li Single-Cell Battery Charger with USB/AC-Adapter Input
logo
Skyworks Solutions Inc.
AAT3698 SKYWORKS-AAT3698 Datasheet
2Mb / 21P
1.6A Linear Li-Ion Battery Charger in a 3x3 TDFN Package
logo
E-CMOS Corporation
EXT9502 E-CMOS-EXT9502 Datasheet
1Mb / 6P
Linear Li-Ion Battery Charger
logo
Shenzhenshi YONGFUKANG ...
TP4055 YONGFUKANG-TP4055 Datasheet
277Kb / 12P
Linear Li-Ion Battery Charger
logo
SHOUDING Shouding Semic...
SD8001 SHOUDING-SD8001 Datasheet
1Mb / 11P
Linear Li-Ion Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4040DR HMSEMI-HM4040DR Datasheet
339Kb / 5P
Linear Li-ion battery charger
logo
AiT Semiconductor Inc.
A4057 AITSEMI-A4057 Datasheet
274Kb / 7P
BATTERY MANAGEMENT LINEAR LI-ION BATTERY CHARGER
REV1.2
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com