| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
BDF36070
|
113Kb / 3P |
Circuit breaker, PowerPact B, 70A, 3 poles, 600Y/347V AC, 14kA at 600Y/347 UL, terminal nuts
Jun 22, 2020 |
|
BDF46100
|
117Kb / 3P |
Circuit breaker, PowerPact B, 100A, 4 poles, 600Y/347V AC, 14kA at 600Y/347 UL, terminal nuts
Jun 25, 2020 |
|
BDF46025
|
117Kb / 3P |
Circuit breaker, PowerPact B, 25A, 4 poles, 600Y/347V AC, 14kA at 600Y/347 UL, terminal nuts
Jun 30, 2020 |
|
BGF46070
|
117Kb / 3P |
Circuit breaker, PowerPact B, 70A, 4 poles, 600Y/347V AC, 18kA at 600Y/347 UL, terminal nuts
Jun 30, 2020 |
|
BDF26070
|
100Kb / 3P |
Circuit breaker, PowerPact B, 70A, 2 poles, 600Y/347V AC, 14kA at 600Y/347 UL, terminal nuts
Jul 5, 2020 |
|
BDF46045
|
118Kb / 3P |
Circuit breaker, PowerPact B, 45A, 4 poles, 600Y/347V AC, 14kA at 600Y/347 UL, terminal nuts
Jul 6, 2020 |
|
BDF46050
|
117Kb / 3P |
Circuit breaker, PowerPact B, 50A, 4 poles, 600Y/347V AC, 14kA at 600Y/347 UL, terminal nuts
Jul 6, 2020 |
|
BDF46080
|
117Kb / 3P |
Circuit breaker, PowerPact B, 80A, 4 poles, 600Y/347V AC, 14kA at 600Y/347 UL, terminal nuts
Jul 6, 2020 |
|
BDF46090
|
118Kb / 3P |
Circuit breaker, PowerPact B, 90A, 4 poles, 600Y/347V AC, 14kA at 600Y/347 UL, terminal nuts
Jul 6, 2020 |
|
BJF46070
|
121Kb / 3P |
Circuit breaker, PowerPact B, 70A, 4 poles, 600Y/347V AC, 25kA at 600Y/347 UL, terminal nuts
Jul 6, 2020 |