| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
BDL26035
|
110Kb / 3P |
PowerPact B Circuit Breaker, 35A, 2P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jun 22, 2020 |
|
BDL36035
|
125Kb / 3P |
PowerPact B Circuit Breaker, 35A, 3P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jun 21, 2020 |
|
BGL26035
|
105Kb / 3P |
PowerPact B Circuit Breaker, 35A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
Jun 25, 2020 |
|
BDL46035
|
123Kb / 3P |
PowerPact B Circuit Breaker, 35A, 4P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jun 30, 2020 |
|
BDP26035
|
93Kb / 3P |
PowerPact B Circuit Breaker, 35A, 2P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jun 30, 2020 |
|
BDM36035
|
116Kb / 3P |
PowerPact B Circuit Breaker, 35A, 3P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jul 6, 2020 |
|
BDM46035
|
118Kb / 2P |
PowerPact B Circuit Breaker, 35A, 4P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jul 6, 2020 |
|
BDP36035
|
116Kb / 3P |
PowerPact B Circuit Breaker, 35A, 3P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jul 6, 2020 |
|
BDP46035
|
118Kb / 2P |
PowerPact B Circuit Breaker, 35A, 4P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jul 6, 2020 |
|
BGM26035
|
92Kb / 3P |
PowerPact B Circuit Breaker, 35A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
Jul 6, 2020 |