| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
BGL26050
|
105Kb / 3P |
PowerPact B Circuit Breaker, 50A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
Jun 22, 2020 |
|
BGL36050
|
131Kb / 3P |
PowerPact B Circuit Breaker, 50A, 3P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
Jun 21, 2020 |
|
BGL26035
|
105Kb / 3P |
PowerPact B Circuit Breaker, 35A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
Jun 25, 2020 |
|
BGM36050
|
116Kb / 3P |
PowerPact B Circuit Breaker, 50A, 3P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
Jun 30, 2020 |
|
BGM46050
|
118Kb / 2P |
PowerPact B Circuit Breaker, 50A, 4P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
Jun 30, 2020 |
|
BGM26035
|
92Kb / 3P |
PowerPact B Circuit Breaker, 35A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
Jul 6, 2020 |
|
BGM26045
|
93Kb / 3P |
PowerPact B Circuit Breaker, 45A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
Jul 6, 2020 |
|
BGM26050
|
93Kb / 3P |
PowerPact B Circuit Breaker, 50A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
Jul 6, 2020 |
|
BGM26060
|
93Kb / 3P |
PowerPact B Circuit Breaker, 60A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
Jul 6, 2020 |
|
BGP26090
|
104Kb / 3P |
PowerPact B Circuit Breaker, 90A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
Jul 6, 2020 |